Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 61 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 61 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 57Page - Intel Corporation 82374EB Datasheet HTML 58Page - Intel Corporation 82374EB Datasheet HTML 59Page - Intel Corporation 82374EB Datasheet HTML 60Page - Intel Corporation 82374EB Datasheet HTML 61Page - Intel Corporation 82374EB Datasheet HTML 62Page - Intel Corporation 82374EB Datasheet HTML 63Page - Intel Corporation 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 208 page
background image
82374EB82374SB
328 DBCADMA BASE AND CURRENT ADDRESS REGISTER (8237 COMPATIBLE SEGMENT)
Register Location
000hDMA Channel 0
002hDMA Channel 1
004hDMA Channel 2
006hDMA Channel 3
0C0hDMA Channel 4
0C4hDMA Channel 5
0C8hDMA Channel 6
0CChDMA Channel 7
Default Value
0000h
Attribute
ReadWrite
Size
16 Bits per channel
Each channel has a 16-bit Current Address register This register holds the value of the 16 least significant bits
of the full 32-bit address used during DMA transfers The address is automatically incremented or decrement-
ed after each transfer and the intermediate values of the address are stored in the Current Address register
during the transfer This register is written to or read from by the microprocessor or bus master in successive
8-bit bytes The programmer must issue the ‘‘Clear Byte Pointer Flip-Flop’’ command to reset the internal byte
pointer and correctly align the write prior to programming the Current address register After clearing the Byte
Pointer Flip-flop the first write to the Current Address port programs the low byte bits 70
and the second
write programs the high byte bits 158
This procedure applies for read cycles also It may also be re-initial-
ized by an autoinitialize back to its original value autoinitialize takes place only after a TC or EOP
Each channel has a Base Address register located at the same port address as the corresponding Current
Address register These registers store the original value of their associated Current registers During autoini-
tialize these values are used to restore the Current registers to their original values The Base registers are
written simultaneously with their corresponding Current register in successive 8-bit bytes by the microproces-
sor The Base registers cannot be read by any external agents
In Scatter-Gather Mode these registers store the lowest 16-bits of the current memory address During a
Scatter-Gather transfer the DMA will load a reserve buffer into the base memory address register
In Chaining Mode these register store the lowest 16-bits of the current memory address The CPU will program
the base register set with a reserve buffer
Bit
Description
150
Base and Current Address
These bits represent the 16 least significant address bits used during
DMA transfers Together with the DMA Low Page register they help form the ISA-compatible 24-bit
DMA address As an extension of the ISA compatible functionality the DMA High Page register
completes the 32-bit address needed when implementing ESC extensions such as DMA to the PCI
bus slaves that can take advantage of full 32-bit addressability Upon reset or Master Clear the value
of these bits is 0000h
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com