Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 47 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 43Page - Intel Corporation 82374EB Datasheet HTML 44Page - Intel Corporation 82374EB Datasheet HTML 45Page - Intel Corporation 82374EB Datasheet HTML 46Page - Intel Corporation 82374EB Datasheet HTML 47Page - Intel Corporation 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation 82374EB Datasheet HTML 50Page - Intel Corporation 82374EB Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 208 page
background image
82374EB82374SB
3117 PACPCIAPIC CONTROL REGISTER
Address Offset
70h
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
The PAC Register controls the operation of the INTR signal in APICPIC configuration and the routing of the
System Management Interrupt (SMI)
Bit
Description
72
Reserved
1
SMI Routing Control (SMIRC)
When SMIRCe1 the SMI is routed via the APIC When SMIRCe0
the SMI is routed via the SMI
signal Note that when SMRCe1 INTR can not be routed through the
APIC since it is sharing the APIC interrupt input with SMI
0
INTR Routing Control (INTRC)
When APIC is enabled (in mixed or pure APIC mode) this bit allows
the ESC’s external INTR signal to be masked (forces INTR to the inactive state but does not tri-states
the signal) Thus the CPU’s INTR pin can be used (by providing a simple -gate) for the APIC Local
Interrupt (LINTRx) However INTR must not be masked via this bit when APIC is disabled and INTR is
the only mechanism to signal the 8259 recognized interrupts to the CPU When INTRCe1 INTR is
disabled (APIC must be enabled) When INTRCe0 INTR is enabled
3118 TESTCTEST CONTROL REGISTER
Address Offset
88h
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
This register provides control for ESC manufacturing test modes The functionality of this register is reserved
3119 SMICNTLSMI CONTROL REGISTER
Address Offset
A0h
Default Value
08h
Attribute
ReadWrite
Size
8 Bits
For the 82374SB the SMICNTL Register provides Fast Off Timer control STPCLK
enabledisable and CPU
clock scaling This register also enablesdisables the system management interrupt (SMI)
Bit
Description
7
Reserved Must be 0 when writing this register
64
Reserved
3
Fast Off Timer Freeze (CTMRFRZ)
This field enablesdisables the Fast Off Timer When this bit is 1
the Fast Off timer stops counting This prevents time-outs from occurring while executing SMM code
When this bit is 0 the Fast Off timer counts
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com