Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 42Page - Intel Corporation 82374EB Datasheet HTML 43Page - Intel Corporation 82374EB Datasheet HTML 44Page - Intel Corporation 82374EB Datasheet HTML 45Page - Intel Corporation 82374EB Datasheet HTML 46Page - Intel Corporation 82374EB Datasheet HTML 47Page - Intel Corporation 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation 82374EB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 208 page
background image
82374EB82374SB
3115 GPCSM 20
GENERAL PURPOSE CHIP SELECT MASK REGISTER
Address Offset
66h 6Ah 6Eh
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
This register contains the mask bits for determining the address range for which the GPCSx
signals are
generated If a register bit is set to a 1 then the corresponding bit in the GPCSL register is not compared with
the address signal in the generation of the GPCSx
signals If Mode Select Register (offset 40h) bit 4e1
offset register 6Eh is ignored
Bit
Description
70
GPCS Mask Register
The contents of these bits are used to determine which bits to compare
GPCSLA 20 with the address lines LA 70 A 1 bit means the bit should not be compared
3116 GPXBCGENERAL PURPOSE PERIPHERAL X-BUS CONTROL REGISTER
Address Offset
6Fh
Default Value
xxxx x000b
Attribute
ReadWrite
Size
8 Bits
The register controls the generation of the X-BUS buffer output enable (XBUSOE ) signal for IO accesses to
the peripherals mapped in the General Purpose Chip Select address decode range This register determines if
the General Purpose Peripheral is placed on the XBUS or not If the General Purpose Peripheral is on the
X-Bus then the corresponding bit is set to 1 Otherwise the bit is set to 0
Bit
Description
73
Reserved
2
XBUSOE
Generation for GPCS2
When this bit is enabled XBUSOE
will be generated when
GPCS2
is generated 1eEnabled 0eDisabled
1
XBUSOE
Generation for GPCS1
When this bit is enabled XBUSOE
will be generated when
GPCS1
is generated 1eEnabled 0eDisabled
0
XBUSOE
Generation for GPCS0
When this bit is enabled XBUSOE
will be generated when
GPCS0
is generated1eEnabled 0eDisabled
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com