Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 56 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 52Page - Intel Corporation 82374EB Datasheet HTML 53Page - Intel Corporation 82374EB Datasheet HTML 54Page - Intel Corporation 82374EB Datasheet HTML 55Page - Intel Corporation 82374EB Datasheet HTML 56Page - Intel Corporation 82374EB Datasheet HTML 57Page - Intel Corporation 82374EB Datasheet HTML 58Page - Intel Corporation 82374EB Datasheet HTML 59Page - Intel Corporation 82374EB Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 208 page
background image
82374EB82374SB
Bit
Description
54
DMA Cycle Timing Mode
The ESC supports four DMA transfer timings ISA-compatible Type A
Type B and Burst Each timing and its corresponding code are described below Upon reset
compatible timing is selected and the value of these bits is ‘‘00’’ The cycle timings noted below are for
a BCLK (833 MHz maximum BCLK frequency) DMA cycles to ISA expansion bus memory will default
to compatible timing if the channel is programmed in one of the performance timing modes (Type A B
or Burst)
00
Compatible Timing
DMA slaves on the ISA bus may run compatible DMA cycles Bits 54 must be programmed to 00
Compatible timing is provided for DMA slave devices which due to some design limitation cannot
support one of the faster timings Compatible timing runs at 9 BCLKs (1080 nssingle cycle) and 8
BCLKs (960 nscycle) during the repeated portion of a BLOCK or DEMAND mode transfers
01
Type ‘‘A’’ Timing
Type ‘‘A’’ timing is provided to allow shorter cycles to EISA memory If ISA memory is decoded the
system automatically reverts to ISA DMA type compatible timing on a cycle-by-cycle basis Type ‘‘A’’
timing runs at 7 BCLKs (840 nssingle cycle) and 6 BCLKs (720 nscycle) during the repeated portion
of a BLOCK or DEMAND mode transfer Type ‘‘A’’ timing varies from compatible timing primarily in
shortening the memory operation to the minimum allowed by system memory The IO portion of the
cycle (data setup on write IO read access time) is the same as with compatible cycles The actual
active command time is shorter but it is expected that the DMA devices which provide the data access
time or write data setup time should not require excess IOR
or IOW
command active time
Because of this most ISA DMA devices should be able to use type ‘‘A’’ timing
10
Type ‘‘B’’ Timing
Type ‘‘B’’ timing is provided for 8-16- bit ISA or EISA DMA devices which can accept faster IO
timing Type ‘‘B’’ only works with EISA memory Type ‘‘B’’ timing runs at 6 BCLKs (720 nssingle
cycle) and 4 BCLKs (480 nscycle) during the repeated portion of a BLOCK or DEMAND mode
transfer Type ‘‘B’’ timing requires faster DMA slave devices than compatible timing in that the cycles
are shortened so that the data setup time on IO write cycles is shortened and the IO read access
time is required to be faster Some of the current ISA devices should be able to support type ‘‘B’’
timing but these will probably be more recent designs using relatively fast technology
11
Type ‘‘C’’ Timing (Burst)
Burst timing is provided for high performance EISA DMA devices The DMA slave device needs to
monitor the EXRDY and IORC
or IOWC
signals to determine when to change the data (on writes)
or sample the data (on reads) This timing will allow up to 33 MBytes per second transfer rate with a
32-bit DMA device and 32-bit memory Note that 8- or 16-bit DMA devices are supported (through the
programmable Address size) and that they use the ‘‘byte lanes’’ natural to their size for the data
transfer As with all bursts the system will revert to two BCLK cycles if the memory does not support
burst When a DMA burst cycle accesses non-burst memory and the DMA cycle crosses a page
boundary into burstable memory the ESC will continue performing non-burst cycles This will not
cause a problem since the data is still transferred correctly
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com