Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 32 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 28Page - Intel Corporation 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
RTCWR
out
REAL TIME CLOCK WRITE COMMANDPCI INTERRUPT REQUEST 2
This signal
pin has two functions and the function is selected via the Mode Select Register
PIRQ2
When functioning as RTCWR
this signal is asserted for IO writes to address
0071h If the Power On Password protection is enabled (IO Port 92h bit 3e1) then
for accesses to RTC addresses 36h – 3Fh (Port 70h) RTCWR
will not be generated
For details on PIRQ2
see the Mode Select Register description For the PIRQ2
function an external pull-up resistor (10K – 20K) must be added to this signal
2116 FLOPPY DISK CONTROLLER INTERFACE
Pin Name
Type
Description
FDCCS
out
FLOPPY DISK CONTROLLER CHIP SELECTPCI INTERRUPT REQUEST 1
This
signal has two functions and the function is selected via the Mode Select Register As
PIRQ1
FDCCS
is asserted for IO cycles to the floppy drive controller When functioning as
FDCCS
this signal is also asserted when IDECS1
is decoded See the Mode
Select Register description for details on the PIRQ1
function of this signal Note that
for the PIRQ1
function an external pull-up resistor (10 KX –20 KX) must be added to
this signal
DSKCHG
in
DISK CHANGE
DSKCHG signal is tied directly to the DSKCHG signal of the floppy
controller This signal is inverted and driven onto system data line 7 (SD7) during IO
read cycles to floppy address locations 3F7h (primary) or 377h (secondary) as
indicated by the table below Note that the primary and secondary locations are
programmed in the X-Bus Address Decode EnableDisable Register ‘‘A’’
FDCCS
IDECSx
State of SD7
State of
Decode
Decode
(output)
XBUSOE
Enabled
Enabled
Tri-stated
Enabled
Enabled
Disabled
Driven
Disabled
via DSKCHG
Disabled
Enabled
Tri-stated
Disabled (note)
Disabled
Disabled
Tri-stated
Disabled
NOTE
This mode is not supported because of potential contention between the X-Bus
buffer and a floppy on the ISA bus driving the system bus at the same time
during shared IO accesses
This signal is also used to determine if the floppy controller is present on the X-Bus It
is sampled on the trailing edge of RESET and If high the Floppy is present For
systems that do not support a Floppy via the ESC this pin should strapped low If
sampled low the SD7 function and XBUSOE
will not be enable for accesses to the
floppy disk controller
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com