Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 71 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
82374EB82374SB
3222 SCAGASTSCATTER-GATHER STATUS REGISTER
Register Location
Channels 0
0419hChannels 1
041AhChannels 2
041BhChannels 3
041DhChannels 5
041EhChannels 6
041FhChannels 7
Default Value
08h
Attribute
Read Only Relocatable
Size
8 Bits
The Scatter-Gather Status Register provides Scatter-Gather process status information to the CPU or Master
An active bit is set to 1 after the S-G Start command is issued The active bit will be 0 before the initial start
command following a terminal count and after an S-G Stop command is issued The Current Buffer and Base
Buffer State Bits indicate whether the corresponding register has a buffer loaded It is possible for the Base
Buffer State to be set while the Current Buffer State is cleared When the Current Buffer transfer is complete
the Base Buffer will not be moved into the Current Buffer until the start of the next data transfer Thus the
Current Buffer State is empty (cleared) while the Base Buffer State is full (set) The Terminate bit is set active
after a Stop command after TC for the last buffer in the list and both Base and Current buffers have expired
The EOP and IRQ13 Bits indicate which end of process indicator will be used to alert the system of an S-G
process termination The EOL status bit is set if DMA controller has loaded the last buffer of the Link List
Bit
Description
7
Next Link Null Indicator
If the Next SGD fetched from memory during a fetch operation has the EOL
value (1) the current value of the Next Link register is not overwritten Instead bit 7 of the channel’s
S-G Status register the Next Link Null indicator is set to a 1 If the fetch returns a EOL value not equal
to (1) this bit is reset to 0 This status bit is written after every fetch operation Following reset or
Master Clear this bit is reset to 0 This bit is also cleared by an S-G Start Command Write
6
Reserved
5
IRQ13 or EOP on Last Buffer
When the IRQ13EOP status bit is 1 EOP was either defaulted to at
reset or selected through the S-G Command register as the S-G process termination indicator EOP
will be issued to alert the system when a terminal count occurs or following the Stop Command When
this bit is returned as a 0 an IRQ13 will be issued to alert the CPU of this same status
4
Reserved
3
S-G Base Buffer State
When the Base Buffer status bit contains a 0 the Base Buffer is empty When
the Base Buffer Status bit is set to 1 the Base buffer has a buffer link loaded Note that the Base
Buffer State may be set while the Current buffer state is cleared This condition occurs when the
Current Buffer expires following a transfer the Base Buffer will not be moved into the Current Register
until the start of the next DMA transfer
2
S-G Current Buffer State
When the Current Buffer status bit contains a 0 the Current Buffer is
empty When the Current Buffer status bit is set to 1 the Current Buffer has a buffer link loaded and is
considered full Following reset bit 2 is reset to 0
1
Reserved
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com