Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 95 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 95 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 91Page - Intel Corporation 82374EB Datasheet HTML 92Page - Intel Corporation 82374EB Datasheet HTML 93Page - Intel Corporation 82374EB Datasheet HTML 94Page - Intel Corporation 82374EB Datasheet HTML 95Page - Intel Corporation 82374EB Datasheet HTML 96Page - Intel Corporation 82374EB Datasheet HTML 97Page - Intel Corporation 82374EB Datasheet HTML 98Page - Intel Corporation 82374EB Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 208 page
background image
82374EB82374SB
375 APICARBIO APIC ARBITRATION REGISTER
Address Offset
02h
Default Value
000F0011h
Attribute
Read Only
Size
32 Bits
The APICARB Register contains the bus arbitration priority for the IO APIC This register is loaded whenever
the IO APIC ID Register is written
Bit
Description
3128
Reserved
2724
IO APIC Identification
This 4 bit field contains the IO APIC identification
230
Reserved
376 IOREDTBL 150
IO REDIRECTION TABLE REGISTERS
Address Offset
10-11h (IOREDTBL0)
12-13h (IOREDTBL1)
14-15h (IOREDTBL2)
16-17h (IOREDTBL3)
18-19h (IOREDTBL4)
1A-1Bh (IOREDTBL5)
1C-1Dh (IOREDTBL6)
1E-1Fh (IOREDTBL7)
20-21h (IOREDTBL8)
22-23h (IOREDTBL9)
24-25h (IOREDTBL10)
26-27h (IOREDTBL11)
28-29h (IOREDTBL12)
2A-2Bh (IOREDTBL13)
2C-2Dh (IOREDTBL14)
2E-2Fh (IOREDTBL15)
Default Value
xx000000 00010xxxh
Attribute
ReadWrite Read Only
Size
64 Bits each
There are 16 IO Redirection Table entry registers Each register is a dedicated entry for each interrupt input
pin Unlike IRQ pins of the 8259A the notion of interrupt priority is completely unrelated to the position of the
physical interrupt input pin on the APIC Instead software determines the vector (and therefore the priority) for
each corresponding interrupt input pin For each interrupt pin the operating system can also specify the signal
polarity (low active or high active) whether the interrupt is signaled as edges or levels as well as the destina-
tion and delivery mode of the interrupt The information in the redirection table is used to translate the
corresponding interrupt pin information into an inter-APIC message
For a signal on an edge-sensitive interrupt input pin to be recognized as a valid edge (and not a glitch) the
input level on the pin must remain asserted until the IO APIC Unit broadcasts the corresponding message
over the APIC bus and the message has been accepted by the destination(s) specified in the destination field
Only then will the source APIC be able to recognize a new edge on that Interrupt Input pin That new edge only
results in a new invocation of the handler if its acceptance by the destination APIC causes the Interrupt
Request Register bit to go from 0 to 1 (In other words if the interrupt wasn’t already pending at the destina-
tion)
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com