Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 49 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 45Page - Intel Corporation 82374EB Datasheet HTML 46Page - Intel Corporation 82374EB Datasheet HTML 47Page - Intel Corporation 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation 82374EB Datasheet HTML 50Page - Intel Corporation 82374EB Datasheet HTML 51Page - Intel Corporation 82374EB Datasheet HTML 52Page - Intel Corporation 82374EB Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 208 page
background image
82374EB82374SB
Bit
Description
2
IRQ4 SMI Enable (COM2COM4 Interrupt or Mouse)
Thsi bit enables the IRQ4 signal to generate
an SMI When bit 1e1 asserting the IRQ3 input signal generates an SMI When bit 2e0 asserting
IRQ4 does not generate an SMI
1
IRQ3 SMI Enable (COM1COM3 Interrupt or Mouse)
This bit enables the IRQ3 signal to generate
an SMI When bit 1e1 asserting the IRQ3 input signal generates an SMI When bit 1e0 asserting
IRQ3 does not generate an SMI
0
IRQ1 SMI Enable (Keyboard Interrupt)
This bit enables the IRQ1 signal to generate an SMI When
bit 0e1 asserting the IRQ1 input signal generates an SMI When bit 0e0 asserting IRQ1 does not
generate an SMI
3121 SEESYSTEM EVENT ENABLE REGISTER
Address Offset
A4-A7h
Default Value
00000000h
Attribute
ReadWrite
Size
32 Bits
For the 82374SB this register enables hardware events as system events or break events for power manage-
ment control Note that all of the functional bits in the SEE Register provide system event control In addition
all bits also provide break event control The default for each systembreak event in this register is disabled
System events
Activity by these events can keep the system from powering down When a system event is
enabled the corresponding hardware event activity prevents a Fast Off powerdown condition Anytime the
corresponding hardware event occurs (signal is asserted) the Fast Off Timer is re-loaded with its initial count
Break events
These events can awaken a powered down system When a break event is enabled the
corresponding hardware event activity powers up the system by negating STPCLK
Note that STPCLK
is
not negated until the stop grant special cycle has been generated by the CPU Thus from the time that
STPCLK
is asserted until the stop grant cycle is returned the occurrence of subsequent break events are
latched in the ESC
NOTE
INIT is always enabled as a break event However INIT only causes a break event after a stop grant
special cycle has been received If INIT is asserted while STPCLK
is active and then negated be-
fore the stop grant cycle is received INIT does not cause a break event
Bit
Description
31
Fast Off SMI Enable (FSMIEN)
When bit 31e1 (enabled) an SMI causes a system event that re-
loads the Fast Off Timer and a break event that negates the STPCLK
signal When bit 31e0
(disabled) an SMI does not re-load the Fast Off Timer or negate the STPCLK
signal
30
Reserved
29
Fast Off NMI Enable (FNMIEN)
When bit 29e1 (enabled) an NMI (eg parity error) causes a system
event that re-loads the Fast Off Timer and a break event that negates the STPCLK
signal When bit
29e0 (disabled) an SMI does not re-load the Fast Off Timer or negate the STPCLK
signal
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com