Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation 82374EB Datasheet HTML 40Page - Intel Corporation 82374EB Datasheet HTML 41Page - Intel Corporation 82374EB Datasheet HTML 42Page - Intel Corporation 82374EB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 208 page
background image
82374EB82374SB
315 BIOSCSBBIOS CHIP SELECT B REGISTER
Address Offset
43h
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
The LBIOSCS
signal is used to decode access to the motherboard BIOS The ESC decodes memory access
to the following address ranges and if the range has been enabled the LBIOSCS
signal is always asserted
for memory reads in the enabled BIOS range If the BIOS Write Enable bit is set in the configuration register
BIOSCSB the LBIOSCS
is also asserted for memory write cycles
Bit
Description
74
Reserved
3
BIOS Write Enable
When enabled LBIOSCS
is asserted for memory read AND write cycles for
addresses in the decoded and enabled BIOS range otherwise LBIOSCS
is asserted for memory
read cycles ONLY
2
16 Meg BIOS
During Memory access to locations FF0000h – FFFFFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3 of BIOSCSB is set then LBIOSCS
will be asserted
for write cycles as well
1
High VGA BIOS
During Memory access to locations 0C4000h – 0C7FFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3 of BIOSCSB is set then LBIOSCS
will be asserted
for write cycles as well
0
Low VGA BIOS
During Memory access to locations 0C0000h – 0C3FFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3 of BIOSCSB is set then LBIOSCS
will be asserted
for write cycles as well
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com