Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 73 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 73 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation 82374EB Datasheet HTML 76Page - Intel Corporation 82374EB Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 208 page
background image
82374EB82374SB
3224 CBPFFCLEAR BYTE POINTER FLIP FLOP REGISTER
Register Location
00ChChannels 0-3
0D8hChannels 4-7
Default Value
xxh
Attribute
Write Only
Size
8 Bits
This command is executed prior to writing or reading new address or word count information to the DMA This
initializes the flip-flop to a known state so that subsequent accesses to register contents by the microproces-
sor will address upper and lower bytes in the correct sequence
The Clear Byte Pointer command clears the internal latch used to address the upper or lower byte of the 16-bit
address and Word Count registers The latch is also cleared at power on by reset and by the Master Clear
command The Host CPU may read or write a 16-bit DMA controller register by performing two consecutive
accesses to the IO port The Clear Byte Pointer command precedes the first access The first IO write to a
register port loads the least significant byte and the second access automatically accesses the most signifi-
cant byte
When the Host CPU is reading or writing DMA registers two Byte Pointer Flip-Flops are used one for Chan-
nels 0-3 and one for Channels 4-7 Both of these act independently There are separate software commands
for clearing each of them (0Ch for Channels 0-3 0D8h for Channels 4-7)
Bit
Description
70
Clear Byte Pointer FF
No specific pattern Command enabled with a write to the IO port address
3225 DMCDMA MASTER CLEAR REGISTER
Register Location
00DhChannels 0-3
0DAhChannels 4-7
Default Value
xxh
Attribute
Write Only
Size
8 Bits
This software instruction has the same effect as the hardware Reset The Command Status Request and
Internal FirstLast Flip-Flop registers are cleared and the Mask register is set The DMA controller will enter
the idle cycle
There are two independent Master Clear Commands 0Dh which acts on Channels 0-3 and 0DAh which acts
on Channels 4-7
Bit
Description
70
Master Clear
No specific pattern Command enabled with a write to the IO port address
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com