Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 52 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 52 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation 82374EB Datasheet HTML 50Page - Intel Corporation 82374EB Datasheet HTML 51Page - Intel Corporation 82374EB Datasheet HTML 52Page - Intel Corporation 82374EB Datasheet HTML 53Page - Intel Corporation 82374EB Datasheet HTML 54Page - Intel Corporation 82374EB Datasheet HTML 55Page - Intel Corporation 82374EB Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 208 page
background image
82374EB82374SB
3124 CTLTMRCLOCK SCALE STPCLK
LOW TIMER
Address Offset
ACh
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
For the 82374SB the value in this register defines the duration of the STPCLK
asserted period when bit 2 in
the SMICNTL Register is set to 1 The value in this register is loaded into the STPCLK
Timer when
STPCLK
is asserted However the timer does not start until the Stop Grant Bus Cycle is received The
STPCLK
timer counts using a 32 ms clock
Bit
Description
70
Clock Scaling STPCLK
Low Timer Value
Bits 70 define the duration of the STPCLK
asserted
period during clock throttling
3125 CTLTMRHCLOCK SCALE STPCLK
HIGH TIMER
Address Offset
AEh
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
For the 82374SB the value in this register defines the duration of the STPCLK
negated period when bit 2 in
the SMICNTL Register is set to 1 The value in this register is loaded into the STPCLK
Timer when
STPCLK
is negated The STPCLK
timer counts using a 32 ms clock
Bit
Description
70
Clock Scaling STPCLK
High Timer Value
Bits 70 define the duration of the STPCLK
negated
period during clock throttling
32 DMA Register Description
The ESC contains DMA circuitry that incorporates the functionality of two 82C37 DMA controllers (DMA1 and
DMA2) The DMA registers control the operation of the DMA controllers and are all accessible from the EISA
Bus This section describes the DMA registers Unless otherwise stated a reset sets each register to its
default value The operation of the DMA is further described in Chapter 60 DMA Controller
321 DCOMCOMMAND REGISTER
Register Location
08hChannels 0-3
0D0hChannels 4-7
Default Value
00h
Attribute
Write Only
Size
8 Bits
This 8-bit register controls the configuration of the DMA It is programmed by the microprocessor in the
Program Condition and is cleared by reset or a Master Clear instruction Note that disabling Channels 4-7 will
also disable Channels 0-3 since Channels 0-3 are cascaded onto Channel 4 The DREQ and DACK
channel
assertion sensitivity is assigned by channel group not per individual Channel For priority resolution the DMA
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com