Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 17 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 13Page - Intel Corporation 82374EB Datasheet HTML 14Page - Intel Corporation 82374EB Datasheet HTML 15Page - Intel Corporation 82374EB Datasheet HTML 16Page - Intel Corporation 82374EB Datasheet HTML 17Page - Intel Corporation 82374EB Datasheet HTML 18Page - Intel Corporation 82374EB Datasheet HTML 19Page - Intel Corporation 82374EB Datasheet HTML 20Page - Intel Corporation 82374EB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 208 page
background image
82374EB82374SB
Advanced Programmable Interrupt Controller (APIC)
In addition to the standard EISA compatible interrupt controller described above the ESC incorporates the
Advanced Programmable Interrupt Controller (APIC) While the standard interrupt controller is intended for use
in a uni-processor system APIC can be used in either a uni-processor or multi-processor system APIC
provides multi-processor interrupt management and incorporates both static and dynamic symmetric interrupt
distribution across all processors In systems with multiple IO subsystems each subsystem can have its own
set of interrupts
TimerCounter
The ESC provides two 82C54 compatible timers (Timer 1 and Timer 2) The counters in Timer 1 support the
system timer interrupt (IRQ0 ) refresh request and a speaker tone output (SPKR) The counters in Timer 2
support fail-safe timeout functions and the CPU speed control
Integrated Support Logic
To minimize the chip count for board designs the ESC incorporates a number of extended features The ESC
provides support for ALTA20 (Fast A20GATE) and ALTRST with IO Port 92h The ESC generates the control
signals for SA address buffers and X-Bus buffer The ESC also provides chip selects for BIOS the keyboard
controller the floppy disk controller and three general purpose devices Support for generating chip selects
with an external decoder is provided for IDE a parallel port and a serial port The ESC provides support for a
PCAT compatible coprocessor interface and IRQ13 generation
Power Management (82374SB)
Extensive power management capability permits a system to operate in a low power state without being
powered down Once in the low power state (called ‘‘Fast Off’’ state) the computer appears to be off For
example the SMM code could turn off the CRT line printer hard disk drive’s spindle motor and fans In
addition the CPU’s clock can be governed To the user the machine appears to be in the off state However
the system is actually in an extremely low power state that still permits the CPU to function and maintain
communication connections normally associated with today’s desktops (eg LAN Modem or FAX) Program-
mable options provide power management flexibility For example various system events can be programmed
to place the system in the low power state or break events can be programmed to wake the system up
20 SIGNAL DESCRIPTION
This section provides a detailed description of each signal The signals are arranged in a functional group
according to their associated interface
The ‘‘ ’’ symbol at the end of a signal indicates that the active or asserted state occurs when the signal is at
a low voltage level When ‘‘ ’’ is not presented after the signal name the signal is asserted when at the high
voltage level
The terms assertion and negation are used extensively This is done to avoid confusion when working with a
mixture of ‘‘active-low’’ and ‘‘active-high’’ signals The term assert or assertion indicates that a signal is
active independent of whether that level is represented by a high or low voltage The term negate or
negation
indicates that a signal is inactive
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com