Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 35 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 208 page
background image
82374EB82374SB
212 Test Signal
Pin Name
Type
Description
INITTEST
in
TEST
On the 82374EB this pin only functions as a TEST pin
On the 82374SB the function of this pin is selected by the value on the GPCS0
pin
at reset If GPCS0
is low INIT is selected and if GPCS0
is high TEST is selected
INIT
For INIT signal description see the Power Management Signal section
TEST
TEST is used to tri-state all of the outputs For normal operations this signal should be
tied to VCC For test mode this pin should be tied to ground
30 REGISTER DESCRIPTION
The ESC contains ESC configuration registers DMA registers Timer Unit registers Interrupt Unit registers
and EISA configuration registers All of the registers are accessible from the EISA bus During a reset the ESC
sets its internal registers to predetermined default states The default values are indicated in the individual
register descriptions
The following notation is used to describe register access attributes
RO
Read Only
If a register is read only writes have no effect
WO
Write Only
If a register is write only reads have no effect
RW
ReadWrite
A register with this attribute can be read and written Note that individual bits in some
readwrite registers may be read only
31 Configuration Registers
The ESC’s configuration registers are accessed through an indexing scheme The index address register is
located at IO address 0022h and the index data register is located at IO address 0023h The offset (data)
written into the index address register selects the desired configuration register Data for the selected configu-
ration register can be read from or written to by performing a read or a write to the index data register See the
Address Decode section for a summary of configuration register index addresses
Some of the ESC registers described in this section contain reserved bits These bits are labeled ‘‘R’’ Soft-
ware must deal correctly with fields that are reserved On reads software must use appropriate masks to
extract the defined bits and not rely on reserved bits being any particular value On writes software must
ensure that the values of reserved bit positions are preserved That is the values of reserved bit positions
must first be read merged with the new values for other bit positions and then written back
In addition to reserved bits within a register the ESC’s configuration space contains address locations that are
marked ‘‘Reserved’’ (See Address Decode Section) The ESC responds to accesses to these address loca-
tions by completing the Host cycle When a reserved register location is read 0000h is returned Writes to
reserved registers have no effect on the ESC
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com