Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 74 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 74 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation 82374EB Datasheet HTML 76Page - Intel Corporation 82374EB Datasheet HTML 77Page - Intel Corporation 82374EB Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 208 page
background image
82374EB82374SB
3226 DCMDMA CLEAR MASK REGISTER
Register Location
00EhChannels 0-3
0DChChannels 4-7
Default Value
xxh
Attribute
Write Only
Size
na
Software Command This command clears the mask bits of all four channels enabling them to accept DMA
requests IO port 0Eh is used for Channels 0-3 and IO port 0DCh is used for Channels 4-7
Bit
Description
70
Clear Mask
No specific pattern Command enabled with a write to the IO port address
33 Timer Unit Registers
The ESC contains five counters that are equivalent to those found in the 82C54 Programmable Interval Timer
The Timer registers control these counters and can be accessed from the EISA Bus via IO space This
section describes the countertimer registers on the ESC The countertimer operations are further described
in Section 80 Interval Timer
331 TCWTIMER CONTROL WORD REGISTER
Register Location
043hTimer 1
04BhTimer 2
Default Value
xxh
Attribute
Write Only
Size
8 Bits
The Timer Control Word specifies the counter selection the operating mode the counter byte programming
order and size of the COUNT value and whether it counts down in a 16-bit or binary-coded decimal (BCD)
format After writing the control word a new count may be written at any time The new value will take effect
according to the programmed mode
There are six programmable counting modes Typically the ESC Timer Unit Counters 0 and 2 are programmed
for Mode 3 the Square Wave Mode while Counter 1 is programmed in Mode 2 the Rate Generator Mode
Two special commands are selected through the Control Word Register The Counter Latch Command is
selected when bits 54 are both 0 The Read-Back Command is selected when bits 76 are both 1 When
either of these two commands are selected with the Control Word Register the meaning of the other bits in
the register changes Both of these special commands and the respective changes they make to the bit
definitions in this register are covered in detail under separate register descriptions later in this section
Bits 4 and 5 are also used to select the count register programming mode The programming process is
simple
1 Write a control word
2 Write an initial count for each counter
3 Load the LSB MSB or LSB then MSB
The readwrite selection chosen with the control word dictates the programming sequence that must follow
when initializing the specified counter
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com