Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 22 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 18Page - Intel Corporation 82374EB Datasheet HTML 19Page - Intel Corporation 82374EB Datasheet HTML 20Page - Intel Corporation 82374EB Datasheet HTML 21Page - Intel Corporation 82374EB Datasheet HTML 22Page - Intel Corporation 82374EB Datasheet HTML 23Page - Intel Corporation 82374EB Datasheet HTML 24Page - Intel Corporation 82374EB Datasheet HTML 25Page - Intel Corporation 82374EB Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
M16
od
MEMORY CHIP SELECT 16
M16
is an input when the ESC component owns the
ISA bus M16
is an output when an external ISA bus Master owns the ISA bus The
ISA slave memory drives this signal Low if it is a 16-bit memory device For ISA to EISA
translation cycles the ESC combinatorially asserts M16
if either EX32
or EX16
are asserted This signal has an external pull-up resistor
IO16
od
16 BIT IO CHIP SELECT
IO16
signal is used to indicate a 16-bit IO bus cycle This
signal is asserted by the IO devices to indicate that they support 16-bit IO bus cycles
All IO accesses to the ESC registers are run as 8-bit IO bus cycles This signal has
an external pull-up resistor
MRDC
ts
MEMORY READ
MRDC
signal indicates a read cycle to the ISA memory devices
MRDC
is the command to a memory slave that it may drive data onto the ISA data
bus MRDC
is an output when the ESC owns the ISA bus MRDC
is an input when
an external ISA Bus master owns the ISA Bus This signal is driven by the ESC during
refresh cycles
MWTC
ts
MEMORY WRITE
MWTC
signal indicates a write cycle to the ISA memory devices
MWTC
is the command to a memory slave that it may latch data from the ISA data
bus MWTC
is an output when the ESC owns the ISA bus MWTC
is an input when
an ISA Bus master owns the ISA Bus
SMRDC
out
SYSTEM MEMORY READ
SMRDC
signal is asserted by the ESC to request a
memory slave to drive data onto the data lines SMRDC
indicates that the memory
read cycle is for an address below the 1 MByte range on the ISA bus This signal is also
asserted during refresh cycles
SMWTC
out
SYSTEM MEMORY WRITE
SMWTC
signal is asserted by the ESC to request a
memory slave to accept data from the data lines SMWTC
indicates that the memory
write cycle is for an address below the 1 MByte range
IORC
ts
IO READ
IORC
is the command to an ISA IO slave device that it may drive data on
to the data bus (SD 150 ) The device must hold the data valid until after IORC
is
negated IORC
is an output when the ESC component owns the ISA bus IORC
is
an input when an ISA Bus master owns the ISA Bus
IOWC
ts
IO WRITE
IOWC
is the command to an ISA IO slave device that it may latch data
from the ISA data bus (SD 150 ) IOWC
is an output when the ESC component owns
the ISA Bus IOWC
is an input when an ISA Bus master owns the ISA Bus
CHRDY
od
IO CHANNEL READY
CHRDY when asserted allows ISA Bus resources request
additional time (wait-states) to complete the cycle CHRDY is an input when the ESC
owns the ISA Bus CHRDY is an input to the ESC during compatible DMA cycles
CHRDY is an output during ISA Bus master cycles to PCI slave or ESC internal register
The ESC will ignores CHRDY for ISA-Bus master accessing an ISA-Bus slave
IOCHK
in
IO CHANNEL CHECK
IOCHK
can be asserted by any resource on the ISA Bus
When asserted it indicates that a parity or an uncorrectable error has occurred for a
device or memory on the ISA Bus A NMI will be generated to the CPU if enabled
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com