Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 38 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation 82374EB Datasheet HTML 40Page - Intel Corporation 82374EB Datasheet HTML 41Page - Intel Corporation 82374EB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 208 page
background image
82374EB82374SB
314 BIOSCSABIOS CHIP SELECT A REGISTER
Address Offset
42h
Default Value
10h
Attribute
ReadWrite
Size
8 Bits
The LBIOSCS
signal is used to decode access to the motherboard BIOS The ESC decodes memory access
to the following address ranges and if the range has been enabled the LBIOSCS
signal is always asserted
for memory reads in the enabled BIOS range If the BIOS Write Enable bit is set in the configuration register
BIOSCSB the LBIOSCS
is also asserted for memory write cycles
Bit
Description
76
Reserved
5
Enlarged BIOS
During Memory access to locations FFF80000h – FFFDFFFFh with this bit set
LBIOSCS
will be asserted for memory read cycles If bit 3 of BIOSCSB is set then LBIOSCS
will
be asserted for write cycles as well
4
High BIOS
During Memory access to locations 0F0000h – 0FFFFFh FF0000h – FFFFFFh
FFFF0000h – FFFFFFFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3
of BIOSCSB is set then LBIOSCS
will be asserted for write cycles as well
3
Low BIOS 4
During Memory access to locations 0EC000h – 0EFFFFh FFEEC000h – FFEEFFFFh
FFFEC000h – FFFEFFFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3
of BIOSCSB is set then LBIOSCS
will be asserted for write cycles as well
2
Low BIOS 3
During Memory access to locations 0E8000h – 0EBFFFh FFEE8000h – FFEEBFFFh
FFFE8000h – FFFEBFFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3
of BIOSCSB is set then LBIOSCS
will be asserted for write cycles as well
1
Low BIOS 2
During Memory access to locations 0E4000h – 0E7FFFh FFEE4000h – FFEE7FFFh
FFFE4000h – FFFE7FFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3
of BIOSCSB is set then LBIOSCS
will be asserted for write cycles as well
0
Low BIOS 1
During Memory access to locations 0E0000h – 0E3FFFh FFEE0000h – FFEE3FFFh
FFFE0000h – FFFE3FFFh with this bit set LBIOSCS
will be asserted for memory read cycles If bit 3
of BIOSCSB is set then LBIOSCS
will be asserted for write cycles as well
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com