Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 68 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 68 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 208 page
background image
82374EB82374SB
3218 CHAINSTACHAINING MODE STATUS REGISTER
Register Location
04D4h
Default Value
00h
Attribute
Read Only
Size
8 Bits
This register is read only and is used to determine if chaining mode for a particular channel is enabled or
disabled A 1 read in this register indicates that the channel’s chaining mode is enabled A 0 indicates that the
chaining mode is disabled All Chaining mode bits are disabled after a reset with reset After the DMA is used
in Chaining mode the CPU will need to clear the Chaining mode enable bit if non-Chaining mode is desired
Bit
Description
75
Chaining Mode Status
If this bit is set to 1 then this channel has chaining enabled by writing 1 to bit
2 of the Chaining Mode Register This bit can be reset to 0 by either writinga0tobit2ofthe Chaining
30
Mode Register or reset being asserted or by a Master Clear Command
4
Reserved
3219 CHINTSTCHANNEL INTERRUPT STATUS REGISTER
Register Location
040Ah
Default Value
00h
Attribute
Read Only
Size
8 Bits
Channel Interrupt Status is a read only register and is used to indicate the source (channel) of a DMA chaining
interrupt on IRQ13 The DMA controller asserts IRQ13 after reaching terminal count with chaining mode
enabled It does not assert IRQ13 during the initial programming sequence that loads the Base registers After
a reset a read of this register will produce 00h
Bit
Description
75
Chaining Interrupt Status
When a channel interrupt status read returns a 0 bits 7530 indicates
that channel did not assert IRQ13 When a channel interrupt status read returns a 1 then that channel
30
asserted IRQ13 after reaching a Terminal Count
4
Reserved
3220 CHAINBECCHAIN BUFFER EXPIRATION CONTROL REGISTER
Register Location
040Ch
Default Value
00h
Attribute
Read Only
Size
8 Bits
This register is read only and reflects the outcome of the expiration of a chain buffer A Chain Buffer Expiration
Control register bit with 0 indicates the DMA controller asserts IRQ13 when the DMA controller reaches
terminal count A 1 indicates the DMA controller asserts TC when the DMA controller reaches terminal count
This bit is programmed in bit 4 of the Chaining Mode register
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com