Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
DLIGHT
out
FIXED DISK ACTIVITY LIghtPCI INTERRUPT REQUEST 0
This signal has two
functions depending on the programming of the Mode Select Register As DLIGHT
PIRQ0
this signal controls the fixed disk X light When low the light is on When high the light
is off If either bit 6 or bit 7 of the Port 92 register is set to a 1 (bit 6 and 7 are internally
NOR’ed together) DLIGHT
is driven active (low) Setting both bits 6 and 7 low will
cause DLIGHT
to be driven high For the PIRQ0
function see the Mode Select
Register description Note that for the PIRQ0
function an external pull-up resistor
(10 KX –20 KX) must be added to this signal
2117 CONFIGURATION RAM INTERFACE
Pin Name
Type
Description
CRAMRD
out
CONFIGURATION RAM READ COMMAND
CRAMRD
is connected directly to the
system Configuration RAM The ESC asserts CRAMRD
for IO reads from the
address range programmed into the low and high bytes of the configuration RAM
command registers
CRAMWR
out
CONFIGURATION RAM WRITE COMMAND
This is an active Low output
CRAMWR
is connected directly to the system Configuration RAM The ESC
activates CRAMWR
for IO writes to the address range programmed into the low
and high bytes of the configuration RAM command registers
2118 X-BUS CONTROL AND GENERAL PURPOSE DECODE
Pin Name
Type
Description
XBUSTR
out
X-BUS DATA TRANSMITRECEIVE
XBUSTR
is tied directly to the direction
control of a 74F245 that buffers the X-Bus data XD(70) from the system data bus
SD(70) XBUSTR
is driven high (transmit) during IO and memory reads for EISA
and ISA masters For DMA cycles (channel 2 only) XBUSTR
is driven high for the
following cases
1 Memory read IO write cycles where LBIOSCS
is asserted
2 IO read memory write cycles where Digital Output Register bit 3 is set to 1
XBUSTR
is driven low (receive) under all other conditions
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com