Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 65 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 65 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 61Page - Intel Corporation 82374EB Datasheet HTML 62Page - Intel Corporation 82374EB Datasheet HTML 63Page - Intel Corporation 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 208 page
background image
82374EB82374SB
3213 DMALPRDMA LOW PAGE REFRESH REGISTER
Register Location
08Fh
Default Value
xxh
Attribute
ReadWrite
Size
8 Bits
The contents of this register are driven on the address byte 2 (LA 2316
) during Refresh cycles
Bit
Description
70
DMA LOW PAGE REFRESH
The contents of the bits are driven on to the address bus(LA 2316 )
during refresh
3214 DMAMHPGDMA MEMORY HIGH PAGE REGISTER DMA MEMORY BASE HIGH PAGE
REGISTER
Register Location
0487hDMA Channel 0
0483hDMA Channel 1
0481hDMA Channel 2
0482hDMA Channel 3
048BhDMA Channel 5
0489hDMA Channel 6
048AhDMA Channel 7
Default Value
00h
Attribute
ReadWrite
Size
8 Bits per channel
Each channel has an 8-bit High Page register The DMA memory High Page register contains the eight most-
significant bits of the 32-bit address It works in conjunction with the DMA controller’s Low Page register and
Current Address register to define the complete (32-bit) address for the DMA channels and corresponds to the
‘‘Current Address’’ register for each channel This 8-bit register is read or written directly by the processor or
bus master It may also be re-initialized by an autoinitialize back to its original value Autoinitialize takes place
only after a TC or EOP
This register is reset to 00h during the programming of both the low page register and the Current Address
register Thus if this register is not programmed after the other address and Low Page registers are pro-
grammed then its value will be zero In this case the DMA channel will operate the same as an 82C37 (from
an addressing standpoint) This is the address compatibility mode
If the high 8 bits of the address are programmed after the other addresses then the channel will modify its
operation to increment (or decrement) the entire 32-bit address This is unlike the 82C37 ‘‘Page’’ register in
the original PCs which could only increment to a 64K boundary (for 8-bit channels) or 128K (for 16-bit chan-
nels) This is extended address mode In this mode the ISA bus controller will generate the signals MEMR
and MEMW
only for addresses below 16 MBytes
Each channel has a Base High Page Address register located at the same port address as the corresponding
Current High Page Address register These registers store the original value of their associated Current
registers During autoinitialize these values are used to restore the Current registers to their original values
The 8 bit Base High Page registers are written simultaneously with their corresponding Current register by the
microprocessor The Base registers cannot be read by any external agents
During Scatter-Gather these registers store the 8 bits from the highest byte of the current memory address
During a Scatter-Gather transfer the DMA will load a reserve buffer into the base memory address register
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com