Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 27 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 23Page - Intel Corporation 82374EB Datasheet HTML 24Page - Intel Corporation 82374EB Datasheet HTML 25Page - Intel Corporation 82374EB Datasheet HTML 26Page - Intel Corporation 82374EB Datasheet HTML 27Page - Intel Corporation 82374EB Datasheet HTML 28Page - Intel Corporation 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 208 page
background image
82374EB82374SB
27 Interrupt Controller Signals
Pin Name
Type
Description
IRQ 159
in
INTERRUPT REQUEST
IRQ These signals provide both system board components
and EISA bus IO devices with a mechanism for asynchronously interrupting the CPU
IRQ8
The assertion mode of each interrupt can be programmed to be edge or level
IRQ 731
triggered An asserted IRQ input must remain asserted until after the falling edge of
INTA
If the input is negated before this time a DEFAULT IRQ7 will occur when the
CPU acknowledges the interrupt
IRQ8
requires an external pull-up resistor (8 KX –10 KX)
INTR
out
CPU INTERRUPT
INTR is driven by the ESC to signal the CPU that an Interrupt
request is pending and needs to be serviced It is asynchronous with respect to BCLK
or PCICLK and it is always an output The interrupt controllers must be programmed
following a reset to ensure that this pin takes on a known state Upon reset the state of
this pin is undefined
NMI
out
NON-MASKABLE INTERRUPT
NMI is used to force a non-maskable interrupt to the
CPU The CPU registers an NMI when it detects a rising edge on NMI NMI will remain
active until a read from the CPU to the NMI register at port 061h is detected by the
ESC This signal is set to low upon reset
28 APIC Bus Signals
Pin Name
Type
Description
APICCLK
in
APIC BUS CLOCK
APICCLK provides the timing reference for the APIC Bus
Changes on APICD 10
are synchronous to the rising edge of APICCLK
APICD 10
od
APIC DATA
APICD1 and APICD0 are the APIC data bus signals Interrupt messages
are sentreceived over this bus APIC arbitration uses APICD1
29 System Power Management Signals (82374SB Only)
Pin Name
Type
Description
STPCLK
out
STOP CLOCK
STPCLK
is asserted by the ESC in response to one of many
maskable hardware or software events For 33V processors that are not 5V tolerant
STPCLK
is driven to the CPU STPCLK
pin through a 5V to 33V translator When
the CPU samples STPCLK
asserted it responds by stopping its internal clock After a
hard reset this signal is negated
SMI
out
SYSTEM MANAGEMENT INTERRUPT
SMI
is asserted by the ESC in response to
one of many maskable hardware or software events For 33V processors that are not
5V tolerant SMI
is driven to the CPU SMI
pin through a 5V to 33V translator The
CPU recognizes the falling edge of SMI
as the highest priority interrupt in the system
The CPU responds by entering SMM (System Management Mode) SMI
is negated
during and following reset After a hard reset this signal is negated
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com