Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 1 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 1 Page - Intel Corporation

  82374EB Datasheet HTML 1Page - Intel Corporation 82374EB Datasheet HTML 2Page - Intel Corporation 82374EB Datasheet HTML 3Page - Intel Corporation 82374EB Datasheet HTML 4Page - Intel Corporation 82374EB Datasheet HTML 5Page - Intel Corporation 82374EB Datasheet HTML 6Page - Intel Corporation 82374EB Datasheet HTML 7Page - Intel Corporation 82374EB Datasheet HTML 8Page - Intel Corporation 82374EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
March 1996
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290476-004
82374EB82374SB EISA
SYSTEM COMPONENT (ESC)
Y
Integrates EISA Compatible Bus
Controller
Translates Cycles Between EISA and
ISA Bus
Supports EISA Burst and Standard
Cycles
Supports ISA Zero Wait-State Cycles
Supports Byte Assembly
Disassembly for 8- 16- and 32-Bit
Transfers
Supports EISA Bus Frequency of up
to 833 MHz
Y
Supports Eight EISA Slots
Directly Drives Address Data and
Control Signals for Eight Slots
Decodes Address for Eight Slot
Specific AENs
Y
Provides Enhanced DMA Controller
Provides Scatter-Gather Function
Supports Type A Type B Type C
(Burst) and Compatible DMA
Transfer
Provides Seven Independently
Programmable Channels
Integrates Two 82C37A Compatible
DMA Controllers
Y
Integrates the Functionality of two
82C59 Interrupt Controllers and two
82C54 Timers
Provides 14 Programmable Channels
for Edge or Level Interrupts
Provides 4 PCI Interrupts Routible to
any of 11 Interrupt Channels
Supports Timer Function for Refresh
Request System Timer Speaker
Tone Fail Safe Timer and CPU
Speed Control
Y
Advanced Programmable Interrupt
Controller (APIC)
Multiprocessor Interrupt
Management
Separate Bus For Interrupt Messages
Y
5V CMOS Technology
Y
Provides High Performance Arbitration
Supports Eight EISA Masters and
PCEB
Supports ISA Masters DMA
Channels and Refresh
Provides Programmable Arbitration
Scheme for Fixed Rotating or
Combination Priority
Y
Integrates Support Logic for X-Bus
Peripherals
Generates Chip SelectsEncoded
Chip Selects for Floppy and
Keyboard Controller IDE Parallel
Serial Ports
and General Purpose
Peripherals
Provides Interface for Real Time
Clock
Generates Control Signals for X-Bus
Data Transceiver
Integrates Port 92 Mouse Interrupt
and Coprocessor Error Reporting
Y
Generates Non-Maskable Interrupts
(NMI)
PCI System Errors
PCI Parity Errors
EISA Bus Parity Errors
Fail Safe Timer
Bus Timeout
Via Software Control
Y
Provides BIOS Interface
Supports 512K Bytes of Flash or
EPROM BIOS on the X-Bus
Allows BIOS on PCI
Supports Integrated VGA BIOS
Y
82374SB System Power Management
(Intel SMM Support)
Fast OnOff Support via SMI
GenerationHardware Events
Software Events EXTSMI
Fast Off
Timer System Events
Programmable CPU Clock Control
Enables Energy Efficient Desktop
Systems
Y
Only Available as Part of a Supported
Kit
Y
208-Pin QFP Package


Similar Part No. - 82374EB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8237 FILTRAN-8237 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8237 APITECH-8237 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8237 BELDEN-8237 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
More results

Similar Description - 82374EB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6212 INFINEON-TLE6212 Datasheet
88Kb / 4P
System-IC for ABS/TC/ESC
Rev. 1, Oct. 2008
logo
KEC(Korea Electronics)
KDR377E KEC-KDR377E_05 Datasheet
14Kb / 1P
ESC PACKAGE
KDR552E KEC-KDR552E Datasheet
14Kb / 1P
ESC PACKAGE
KDR728E KEC-KDR728E_06 Datasheet
362Kb / 1P
ESC PACKAGE
KDS114E KEC-KDS114E_00 Datasheet
25Kb / 1P
ESC PACKAGE
KDV215E KEC-KDV215E Datasheet
49Kb / 1P
ESC PACKAGE
KDV269E KEC-KDV269E_04 Datasheet
49Kb / 1P
ESC PACKAGE
KDV301E KEC-KDV301E Datasheet
10Kb / 1P
ESC PACKAGE
KDV368E KEC-KDV368E Datasheet
10Kb / 1P
ESC PACKAGE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
10Kb / 1P
ESC PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com