Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 67 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 63Page - Intel Corporation 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 208 page
background image
82374EB82374SB
Bit
Description
232
Upper Mid Lower Stop Bits
These 22 bits provide the Stop Address If the Stop function is
enabled then the channel will Stop whenever its Memory Address matches the Stop Address
Bits 2316 are the upper stop bits Bits 158 are the mid stop bits and bits 72 are the lower stop
bits Bits 10 are not used and are don’t cares
3217 CHAINCHAINING MODE REGISTER
Register Location
040AhChannels 0-3
04D4hChannels 4-7
Default Value
000000xxb
Attribute
Write Only
Size
8 Bits
Each channel has a Chaining Mode register The Chaining Mode register enables or disables DMA buffer
chaining and indicates when the DMA Base registers are being programmed When writing to the register
bits 10 determine which channel’s Chaining Mode register to program The chaining status and interrupt
status for all channels can be determined by reading the Chaining Mode Status Channel Interrupt Status and
Chain Buffer Expiration Control registers The Chaining Mode register is reset to zero upon reset access (read
or write) of a channel’s Mode register or Extended Mode register or a Master Clear The values upon reset are
disable chaining mode and generate IRQ13
Bit
Description
75
Reserved
Must be 0
4
Buffer Expired Signal
After one of the two buffers in the DMA expires then the DMA will inform the
CPU that the next buffer should be loaded into the base register set This bit determines whether
IRQ13 or EOP should be used to inform the CPU that the buffer is complete 1egenerate TC
0eGenerate IRQ13 1eProgramming complete 0eDon’t start chaining
3
Base Register Programming
After the reserve buffer’s address and word count are written to the
base register set this bit should be set to 1 to inform the DMA that the second buffer is ready for
transfer
2
Buffer Chaining Mode
Bit 2 enables the chaining mode logic If the bit is set to 1 after the initial DMA
address and word count are programmed then the Base address and word count are available for
programming the next buffer in the chain 1eEnable chaining 0eDisable chaining
10
DMA Channel Select
Bits 10 select the DMA channel mode register to program with bits 42
Bits 10
Channel
00
0or4
01
1or5
10
2or6
11
3or7
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com