Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 103 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 103 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 99Page - Intel Corporation 82374EB Datasheet HTML 100Page - Intel Corporation 82374EB Datasheet HTML 101Page - Intel Corporation 82374EB Datasheet HTML 102Page - Intel Corporation 82374EB Datasheet HTML 103Page - Intel Corporation 82374EB Datasheet HTML 104Page - Intel Corporation 82374EB Datasheet HTML 105Page - Intel Corporation 82374EB Datasheet HTML 106Page - Intel Corporation 82374EB Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 208 page
background image
82374EB82374SB
Table 4 ESC IO Register Address Map
(Continued)
Address
(Hex)
Address (Bit)
Type
Name
Block
FEDC
BA98
7654
3210
0070H1
0000
0000
0111
0xx0
WO
NMI Mask
Control
0080h
0000
0000
100x
0000
RW
DMA Page RegisterReserved
DMA
0081h
0000
0000
100x
0001
RW
DMA Channel 2 Page
DMA
0082h
0000
0000
1000
0010
RW
DMA Channel 3 Page
DMA
0083h
0000
0000
100x
0011
RW
DMA Channel 1 Page
DMA
0084h
0000
0000
100x
0100
RW
DMA Page RegisterReserved
DMA
0085h
0000
0000
100x
0101
RW
DMA Page RegisterReserved
DMA
0086h
0000
0000
100x
0110
RW
DMA Page RegisterReserved
DMA
0087h
0000
0000
100x
0111
RW
DMA Channel 0 Page
DMA
0088h
0000
0000
100x
1000
RW
DMA Page RegisterReserved
DMA
0089h
0000
0000
100x
1001
RW
DMA Channel 6 Page
DMA
008Ah
0000
0000
100x
1010
RW
DMA Channel 7 Page
DMA
008Bh
0000
0000
100x
1011
RW
DMA Channel 5 Page
DMA
008Ch
0000
0000
100x
1100
RW
DMA Page RegisterReserved
DMA
008Dh
0000
0000
100x
1101
RW
DMA Page RegisterReserved
DMA
008Eh
0000
0000
100x
1110
RW
DMA Page RegisterReserved
DMA
008Fh
0000
0000
100x
1111
RW
DMA Refresh Page
DMA
0092h
0000
0000
1001
0010
RW
System Control Port
Control
00A0h
0000
0000
101x
xx00
RW
INT 2 Control
PIC
00A1h
0000
0000
101x
xx01
RW
INT 2 Mask
PIC
00B2h
0000
0000
1011
0010
RW
Advanced Power Management Control
APM
00B3h
0000
0000
1011
0011
RW
Advanced Power Management Status
APM
00C0h
0000
0000
1100
000x
RW
DMA2 CH0 Base and Current Address
DMA
00C2h
0000
0000
1100
001x
RW
DMA2 CH0 Base and Current Count
DMA
00C4h
0000
0000
1100
010x
RW
DMA2 CH1 Base and Current Address
DMA
00C6h
0000
0000
1100
011x
RW
DMA2 CH1 Base and Current Count
DMA
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com