Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 27Page - Texas Instruments TAS2553_15 Datasheet HTML 28Page - Texas Instruments TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DOUT
IVCLKIN
DATA
HI-Z
td(DATA)
td(HI-Z)
HI-Z
DATA
DATA
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Figure 50. DOUT Timing in PDM Mode (Data on IVCLKIN Low)
Table 10. DOUT Timing in PDM Mode(1)
IOVDD=1.8V(2)
IOVDD=3.3V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td(DATA)
IVCLKIN to DOUT delay
30
30
ns
td(HI-Z)
IVCLKIN to high impedance state delay
6
6
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
(2)
All specifications at 25°C, IOVDD = 1.8 V
7.5 Register Map
The TAS2553 I2C address is 0x40 (7-bit) when ADDR = 0 and 0x41 (7-bit) when ADDR = 1. See the General I2C
Operation section for more details.
7.5.1 Register Map Summary
REGISTER
READ/WRITE
DEFAULT
FUNCTION
DEC
HEX
0
0x00
R/W
0x00
Device Status Register
1
0x01
R/W
0x22
Configuration Register 1
2
0x02
R/W
0xFF
Configuration Register 2
3
0x03
R/W
0x80
Configuration Register 3
4
0x04
R/W
0x00
DOUT Tristate Mode
5
0x05
R/W
0x00
Serial Interface Control Register 1
6
0x06
R/W
0x00
Serial Interface Control Register 2
7
0x07
R/W
0xC0
Output Data Register
8
0x08
R/W
0x10
PLL Control Register 1
9
0x09
R/W
0x00
PLL Control Register 2
10
0x0A
R/W
0x00
PLL Control Register 3
11
0x0B
R/W
0x8F
Battery Tracking Inflection Point Register
12
0x0C
R/W
0x80
Battery Tracking Slope Control Register
13
0x0D
R/W
0xBE
Limiter Level Control Register
14
0x0E
R/W
0x08
Limiter Attack Rate and Hysteresis Time
15
0x0F
R/W
0x05
Limiter Release Rate
16
0x10
R/W
0x00
Limiter Integration Count Control
17
0x11
R/W
0x01
PDM Configuration Register
18
0x12
R/W
0x00
PGA Gain Register
19
0x13
R/W
0x40
Class-D Edge Rate Control Register
20
0x14
R/W
0x00
Boost Auto-Pass Through Control Register
21
0x15
R/W
0x00
Reserved
22
0x16
R
0x00
Version Number
23
0x17
R/W
0x00
Reserved
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com