Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 26Page - Texas Instruments TAS2553_15 Datasheet HTML 27Page - Texas Instruments TAS2553_15 Datasheet HTML 28Page - Texas Instruments TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
DOUT
IVCLKIN
td(HI-Z)
DATA
HI-Z
td(DATA)
DATA
HI-Z
HI-Z
td(DATA)
DIN
IVCLKIN
tS
DATA
tH
tr
tf
DATA
DIN
IVCLKIN
tS
DATA
tH
tr
tf
DATA
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Figure 47. DIN Timing Diagram in PDM Mode, Register 0x11, D(2) = 0
Figure 48. DIN Timing Diagram in PDM Mode, Register 0x11, D(2) = 1
Table 9. PDM Input Timing(1)
IOVDD=1.8V(2)
IOVDD=3.3V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
ts
DIN setup
20
20
ns
th
DIN hold
3
3
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
(2)
All specifications at 25°C, IOVDD = 1.8 V
7.4.3.1 DOUT Timing – PDM Output Mode
Set Register 0x03, D(6) = 0 to transmit PDM data on the DOUT terminal. Register 0x07, D(7:6) selects either I
Data, V Data, or both for PDM transmission. Register 0x07, D(5) selects whether the data transmits on either the
rising edge or the falling edge of IVCLKIN. The DOUT terminal becomes high-impedance on the opposing clock
cycle.
Figure 49. DOUT Timing in PDM Mode (Data on IVCLKIN High)
30
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com