Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments TAS2553_15 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-0.001
0.001
0.003
0.005
0.007
0.009
Time - s
I2C to Enable Class-D
Class-D Output
C019
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-0.0015
-0.0005
0.0005
0.0015
Time - s
ENABLE
Class-D Output
C020
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
P
O - Output Power - W
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
VBAT = 5.5 V
C004
0.01
0.1
1
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C005
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
8.2.1.3 Application Performance Plots
AGC=OFF, Gain = 15 dB
AGC=OFF, Gain = 15 dB, Pout = 1W
Figure 52. THD+N vs Output Power (8
Ω) for Digital Input
Figure 53. THD+N vs Frequency (8
Ω) for Digital Input
Class D output and EN pulled low
Figure 54. Startup Timing
Figure 55. Shutdown Timing
44
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com