Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments TAS2553_15 Datasheet HTML 48Page - Texas Instruments TAS2553_15 Datasheet HTML 49Page - Texas Instruments TAS2553_15 Datasheet HTML 50Page - Texas Instruments TAS2553_15 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
9 Power Supply Recommendations
9.1 Power Supplies
The TAS2553 requires three power supplies:
•
Boost Input (terminal: VBAT)
–
Voltage: 3.0 V to 5.5 V
–
Max Current: 2.6 A
•
Analog Supply (terminal: AVDD)
–
Voltage: 1.65 V to 1.95 V
–
Max Current: 30 mA
•
Digital I/O Supply (terminal: IOVDD)
–
Voltage: 1.5 V to 3.6 V
–
Max Current: 5 mA
The decoupling capacitors for the power supplies should be placed close to the device terminals. For VBAT,
IOVDD and AVDD, a small decoupling capacitor of 0.1 µF should be placed close to the device terminals. Refer
to Figure 56 for the schematic.
9.2 Power Supply Sequencing
The power supplies should be started in the following order:
1. VBAT,
2. IOVDD,
3. AVDD.
When the supplies have settled, the EN terminal can be set HIGH to operate the device. The above sequence
should be completed before any I2C operation.
9.3 Boost Supply Details
The boost supply (VBAT) and associated passives need to be able to support the current requirements of the
device. The peak current limit of the boost is 2.5 A. A minimum of a 10 µF capacitor is recommended on the
boost supply to quickly support changes in required current. Refer to Figure 56 for the schematic.
The current requirements can also be reduced by lowering the gain of the amplifier, or in response to decreasing
battery through the use of the battery-tracking AGC feature of the TAS2553 described in Battery Tracking AGC.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com