Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 22Page - Texas Instruments TAS2553_15 Datasheet HTML 23Page - Texas Instruments TAS2553_15 Datasheet HTML 24Page - Texas Instruments TAS2553_15 Datasheet HTML 25Page - Texas Instruments TAS2553_15 Datasheet HTML 26Page - Texas Instruments TAS2553_15 Datasheet HTML 27Page - Texas Instruments TAS2553_15 Datasheet HTML 28Page - Texas Instruments TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
WCLK
BCLK
DOUT
DIN
tH(BCLK)
th(ws)
tL(BCLK)
ts(ws)
th(ws)
td(DO-BCLK)
th(ws)
ts(DI)
th(DI)
WCLK
BCLK
DOUT
DIN
td(WS)
td(WS)
td(DO-BCLK)
ts(DI)
th(DI)
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.4.1.6 DSP Timing
All specifications at 25°C, IOVDD = 1.8 V
NOTE
All timing specifications are measured at characterization but not tested at final test.
Figure 42. DSP Timing in Master Mode
Table 7. DSP Timing in Master Mode (see Figure 42)
IOVDD=1.8V
IOVDD=3.3V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
30
20
ns
td(DO-BCLK)
BCLK to DOUT delay
40
20
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
Figure 43. DSP Timing in Slave Mode
26
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com