Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 23Page - Texas Instruments TAS2553_15 Datasheet HTML 24Page - Texas Instruments TAS2553_15 Datasheet HTML 25Page - Texas Instruments TAS2553_15 Datasheet HTML 26Page - Texas Instruments TAS2553_15 Datasheet HTML 27Page - Texas Instruments TAS2553_15 Datasheet HTML 28Page - Texas Instruments TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
LD(n)
LD (n+1)
WORD
CLOCK
BIT
CLOCK
DATA
-
1
4
3
2
5
1
0
-
1
4
3
2
5
1
0
N
N
N
-
1
5
RD(n)
LEFT CHANNEL
RIGHT CHANNEL
LD(n) = n'th sample of left channel data
RD(n) = n'th sample of right channel data
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Table 8. DSP Timing in Slave Mode (see Figure 43)
IOVDD=1.8V
IOVDD=3.3V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
(WS)
8
8
ns
th(WS)
WCLK hold
8
8
ns
td(DO-WS)
WCLK to DOUT delay (For LJF Mode only)
40
22
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
7.4.2 TDM Mode
Time-division multiplexing (TDM) allows two or more devices to share a common DIN connection and a common
DOUT connection. Using TDM mode, all devices transmit their DOUT data in user-specified sub-frames within
one WCLK period. When one device transmits its DOUT information, the other devices place their DOUT
terminals in a high impedance tri-state mode.
TDM mode is useable with I2S, LJF, RJF, and DSP interface modes. Refer to the respective sections for a
description of how to set the TAS2553 into those modes. TDM cannot be used with PDM mode. This is because
the PDM requires a continuous stream of samples from one data source.
Use Register 0x06 to set the clock cycle offset from WCLK to the MSB. Each data bit is valid on the falling edge
of the bit clock. Set Register 0x04, D(2) = 1 to force DOUT into tri-state when it is not transmitting data. This
allows DOUT terminals from multiple TAS2553 devices to share a common wire to the host.
Figure 44. Timing Diagram for I2S in TDM Mode with Offset=2
For TDM mode, the number of bit-clocks per frame should be less than the programmed word-length of the data.
Also the programmed offset value should be less than the number of bit-clocks per frame by at least the
programmed word-length of the data.
Figure 45 shows how to configure the TAS2553 with the TI codec, AIC3254, with both devices sharing DIN and
DOUT
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com