Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 3Page - Texas Instruments TAS2553_15 Datasheet HTML 4Page - Texas Instruments TAS2553_15 Datasheet HTML 5Page - Texas Instruments TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Electrical Characteristics (continued)
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, Gain = 15 dB, ERC = 14 ns, RL = 8 Ω + 33 µH, 48 kHz
sample rate for digital input (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
From VBAT, PLL off, no signal
7.10
mA
Power Consumption with Analog Input
From AVDD, PLL off, no signal
3.73
mA
and IV Sense Disabled
From IOVDD, PLL off, no signal
0.04
mA
From VBAT, PLL off, no signal
7.31
mA
Power Consumption with Digital Input
From AVDD, PLL off, no signal
4.05
mA
and IV Sense Disabled
From IOVDD, PLL off, no signal
0.32
mA
From VBAT, PLL on, no signal
5.84
mA
Power Consumption with Analog Input
From AVDD, PLL on, no signal
7.10
mA
and IV Sense Enabled
From IOVDD, PLL on, no signal
0.32
mA
From VBAT, PLL on, no signal
7.32
mA
Power Consumption with Digital Input
From AVDD, PLL on, no signal
8.03
mA
and IV Sense Enabled
From IOVDD, PLL on, no signal
0.32
mA
From VBAT, EN = 0
0.1
µA
Power Consumption in Hardware
From AVDD, EN = 0
0.2
µA
Shutdown
From IOVDD, EN = 0
0.0
µA
From VBAT
11.4
µA
Power Consumption in Software
From AVDD
9.1
µA
Shutdown
From IOVDD
130
µA
DIGITAL INPUT / OUTPUT
0.7 x
VIH
High-level digital input voltage
V
IOVDD
0.3 x
VIL
Low-level digital input voltage
V
IOVDD
0.9 x
VOH
High-level digital output voltage
V
IOVDD
0.1 x
VOL
Low-level digital output voltage
V
IOVDD
MISCELLANEOUS
Device is in reset state
0.9
AVDD Supply Under-voltage
V
Threshold
Device comes out of reset state
1.4
Device is in reset state
1.8
VBAT Supply Under-voltage
V
Threshold
Device comes out of reset state
2.5
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com