Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments TAS2553_15 Datasheet HTML 21Page - Texas Instruments TAS2553_15 Datasheet HTML 22Page - Texas Instruments TAS2553_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
VBAT
VBAT
InflPt
VBAT
VLIM
V
VLIM

'
'

|
7
V
VLIM
7
|
InflPt
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7.3.10 Battery Tracking AGC
The TAS2553 monitors battery voltage and the audio signal to automatically decrease gain when the battery
voltage is low and audio output power is high. This finds the optimal gain to maximize loudness and minimize
battery current, providing louder audio and preventing early shutdown at end-of-charge battery voltage levels.
This does not mean the battery tracking AGC automatically decreases amplifier gain when VBAT is below the
inflection point. Rather, gain is decreased only when the Class-D output voltage exceeds the limiter level.
Figure 29. VLIM versus Supply Voltage (VBAT)
When VBAT is greater than the inflection point, VLIM - the peak allowed output voltage - is set by the boost
voltage. The inflection point is set in Register 0x0B, Bits 7-0. The inflection point range is 3.0 V to 5.5 V,
adjustable in 17.33 mV steps.
When VBAT is less than the inflection point, the peak output voltage is controlled by the slope. Set the VLIM vs.
VBAT slope in Register 0x0C, Bits 7-0. This
ΔVLIM / ΔVBAT range is 1.2 V/V to 10.75 V/V and is adjustable in
37.3 mV/V steps.
If the audio signal is higher than VLIM, then the gain decreases until the audio signal is just below VLIM. The
gain decrease rate (attack time) is set via the I2C interface. If the audio signal is below VLIM and the gain is
below the fixed gain, the gain will increase. The gain increase rate (release time) is set via the I2C interface. The
attack and release times are selected via I2C interface. Eight attack times are available in 350 µs / dB steps.
Sixteen release times are in 105 ms / dB steps. ATK_TIME[2:0] is Register 0x0E, Bits 0-2. REL_TIM[3:0] is
Register 0x0F, Bits 3-0.
Table 3. Attack Time Selection
ATTACK TIME REGISTER
ATTACK TIME
BYTE: ATK_TIME[2:0]
( µS / STEP)
000
20
001
370
010
720
011
1070
100
1420
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com