Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
2.0
3.0
4.0
5.0
6.0
7.0
8.0
3.0
3.5
4.0
4.5
5.0
5.5
V
BAT - Voltage - V
Battery Tracking = OFF
Battery Tracking = ON
C021
AGC Inflection Point
0
2
4
6
8
10
12
14
16
3.0
3.5
4.0
4.5
5.0
5.5
V
BAT - V
AGC = OFF
AGC = ON
C023
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Typical Characteristics (continued)
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, RL = 8 Ω + 33 µH (unless otherwise noted).
AGC = ON, Gain = 15 dB, f = 1 kHz, Inflection point = 3.6 V
f = 1 kHz, 0 dBFS Gain = 15 dB,
Limiter value = 7.87 V, Slope = 4.5 V
Inflection point = 3.6 V, Slope = 4.5 V/V, No Load
Figure 22. Gain vs Supply Voltage
Figure 21. Maximum Peak Output Voltage vs. Supply
Voltage (8
Ω)
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com