Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 20 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments TAS2553_15 Datasheet HTML 21Page - Texas Instruments TAS2553_15 Datasheet HTML 22Page - Texas Instruments TAS2553_15 Datasheet HTML 23Page - Texas Instruments TAS2553_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Table 3. Attack Time Selection (continued)
ATTACK TIME REGISTER
ATTACK TIME
BYTE: ATK_TIME[2:0]
( µS / STEP)
101
1770
110
2120
111
2470
Table 4. Release Time Selection
RELEASE TIME REGISTER
RELEASE TIME
RELEASE TIME REGISTER
RELEASE TIME
BYTE: REL_TIME[3:0]
( MS / STEP)
BYTE: REL_TIME[4:0]
(MS / STEP)
0000
50
1000
890
0001
155
1001
995
0010
260
1010
1100
0011
365
1011
1205
0100
470
1100
1310
0101
575
1101
1415
0110
680
1110
1520
0111
785
1111
1625
7.4 Device Functional Modes
7.4.1 Audio Digital I/O Interface
Audio data is transferred between the host processor and the TAS2553 via the digital audio data serial interface,
or audio bus. The audio bus on this device is very flexible, including left or right-justified data options, support for
I2S or PCM protocols, programmable data length options, a TDM mode for multichannel operation, very flexible
master/slave configurability for each bus clock line, and the ability to communicate with multiple devices within a
system directly.
The audio bus of the TAS2553 can be configured for left or right-justified, I2S, DSP, or TDM modes of operation,
where communication with standard telephony PCM interfaces is supported within the TDM mode. These modes
are all MSB-first, with data width programmable as 16, 20, 24, or 32 bits by configuring Register 0x05, D(1:0). In
addition, the word clock and bit clock can be independently configured in either Master or Slave mode, for
flexible connectivity to a wide variety of processors. The word clock is used to define the beginning of a frame,
and may be programmed as either a pulse or a square-wave signal. The frequency of this clock corresponds to
the maximum of the selected ADC and DAC sampling frequencies.
The bit clock is used to clock in and clock out the digital audio data across the serial bus. This signal can be
programmed to generate variable clock pulses by controlling the bit-clock multiply-divide factor in Registers 0x08
through 0x10. The number of bit-clock pulses in a frame may need adjustment to accommodate various word-
lengths as well as to support the case when multiple TAS2553 devices may share the same audio bus.
The TAS2553 also includes a feature to offset the position of start of data transfer with respect to the word-clock.
This offset is in number of bit-clocks and is programmed in Register 0x06.
To place the DOUT line into a Hi-Z (3-state) condition during all bit clocks when valid data is not being sent, set
Register 0x04, D(2) = 1. By combining this capability with the ability to program what bit clock in a frame the
audio data begins, time-division multiplexing (TDM) can be accomplished. This enables the use of multiple
devices on a single audio serial data bus. When the audio serial data bus is powered down while configured in
master mode, the terminals associated with the interface are put into a Hi-Z output state.
7.4.1.1 Right-Justified Mode
Set Register 0x03, D(6) = 0 and Register 0x05, D(3:2) = 10 to place the TAS2553 audio interface into right-
justified mode. In right-justified mode, the LSB of the left channel is valid on the rising edge of the bit clock
preceding the falling edge of the word clock. Similarly, the LSB of the right channel is valid on the rising edge of
the bit clock preceding the rising edge of the word clock.
20
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com