Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.5.22 Register 0x14: Boost Auto-Pass Through Control Register
Auto-Pass Through deactivates the boost converter when the battery voltage is sufficient for the required Class-
D output voltage. This register sets the threshold for activating the boost converter and the delay time between
the Class-D output voltage dropping below the threshold before the boost converter deactivates.
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-4
R/W
0000
Reserved. Write only default values.
3-2
APT_THRESHOLD
R/W
00
Analog Input – Auto-Pass Through Threshold
The boost converter activates when the Class-D output voltage exceeds
this threshold voltage.
00 = 0.5 V
01 = 1.0 V
10 = 1.4 V
11 = 2.0 V
Digital Input – Auto-Pass Through Threshold
The boost converter activates when the Class-D output voltage exceeds
this threshold voltage.
00 = 0.2 V
01 = 0.7 V
10 = 1.1 V
11 = 1.7 V
1-0
APT_DELAY_SEL
R/W
00
Auto-Pass Thru Delay
The delay between the Class-D output voltage dropping below the auto-
pass thru threshold voltage and the boost converter deactivating.
00 = 50 ms
01 = 75 ms
10 = 125 ms
11 = 200 ms
7.5.23 Register 0x15: Reserved Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
R
0000 0000
Reserved
7.5.24 Register 0x16: Version Number
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-4
R
0000
Reserved
3-0
SILICON_VER
R
1000
Silicon version identifier bits
7.5.25 Register 0x17: Reserved Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
R
0000 0000
Reserved
7.5.26 Register 0x18: Reserved Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
R
0000 0000
Reserved
40
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com