Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Typical Applications (continued)
Table 11. Recommended External Components (continued)
COMPONENT
DESCRIPTION
SPECIFICATION
MIN
TYP
MAX
UNIT
C2
Boost Converter Output Capacitor
Type
X5R
Capacitance, 20% Tolerance
22
47
µF
Rated Voltage
16
V
Capacitance at 7.5 V
7
µF
derating
C3, C4
EMI Filter Capacitors (optional, must
Capacitance
1
nF
use L2, L3 if C3, C4 used)
8.2.1.1 Design Requirements
Table 12. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Audio Input
Digital Audio, I2S
Current and Voltage Data Stream
Digital Audio, I2S
Mono or Stereo Configuration
Mono
Max Output Power at 1% THD+N
2.8
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Audio Input/Output
The choice of digital or analog audio input is driven by system specific considerations. However, since a digital
audio interface will typically be used to send current and voltage data from the TAS2553 to a system processor,
using a bidirectional I2S interface is likely to be the best choice.
If a digital audio input is used, the analog inputs, IN+ and IN-, should be shorted together, and not tied to ground.
8.2.1.2.2
Mono/Stereo Configuration
In this application, the device is assumed to be operating in mono mode. See General I2C Operation for
information on changing the I2C address of the TAS2553 to support stereo operation. Mono or stereo
configuration does not impact the device performance.
8.2.1.2.3
Boost Converter Passive Devices
The boost converter requires three passive devices that are labeled L1, C1 and C2 in Figure 51 and whose
specifications are provided in Table 11. These specifications are based on the design of TAS2553 and are
necessary to meet the performance targets of the device. In particular, L1 should not be allowed to enter in the
current saturation region.
Specifically, the product of L1 and C2 (derated value at 8.5 V) has to be greater than 10e-12 for boost stability
after accounting worst case variation of L1 and C2. To satisfy sufficient energy transfer, L1 needs to be > 2 µH at
the boost switching frequency (~1.75 MHz). Minimum C2 (derated value at 8.5 V) should be > 4 µF for Class-D
power delivery specification. The saturation current for L1 should be > ILIM to deliver Class-D peak power.
8.2.1.2.4
EMI Passive Devices
The TAS2553 supports edge-rate control to minimize EMI, but the system designer may want to include passive
devices on the Class-D output devices. These passive devices that are labeled L2, L3, C3 and C4 in Figure 51
and their recommended specifications are provided in Table 11. If C3 and C4 are used, they must be placed
after L2 and L3 respectively to maintain the stability of the output stage.
8.2.1.2.5
Miscellaneous Passive Devices
•
VREG Capacitor: Needs to be 10 nF to meet boost and class-D power delivery and efficiency specs.
•
BIAS Capacitor: Needs to be 1 µF to meet PSSR and noise performance.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com