Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2553_15 Datasheet HTML 1Page - Texas Instruments TAS2553_15 Datasheet HTML 2Page - Texas Instruments TAS2553_15 Datasheet HTML 3Page - Texas Instruments TAS2553_15 Datasheet HTML 4Page - Texas Instruments TAS2553_15 Datasheet HTML 5Page - Texas Instruments TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Terminal Functions (continued)
TERMINAL
INPUT/OUTPUT/
DESCRIPTION
POWER
NAME
BALL WCSP
BCLK
F4
I
Audio serial bit clock.
MCLK
F5
I
External master clock.
IOVDD
F1
P
Supply for digital input and output levels. Voltage range is 1.5 V to 3.6 V.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
VBAT
Battery voltage
–0.3
6.0
V
AVDD
Analog supply voltage
–0.3
2.5
V
IOVDD
I/O Supply voltage
–0.3
3.9
V
AIN+, AIN–
Analog input voltage
–0.3
AVDD + 0.3
V
Digital input voltage
–0.3
IOVDD + 0.3
V
Output continuous total power dissipation
See Thermal Information
NA
6.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
HBM
3000
ESD
V
CDM
1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBAT
Battery voltage
3.0
5.5
V
AVDD
Analog supply voltage
1.65
1.8
1.95
V
IOVDD
I/O supply voltage
1.5
1.8
3.6
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
6.4 Thermal Information
TAS2553
THERMAL METRIC(1)
UNIT
YFF (30 TERMINALS)
θJA
Junction-to-ambient thermal resistance
76.5
θJCtop
Junction-to-case (top) thermal resistance
0.2
θJB
Junction-to-board thermal resistance
44.0
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
43.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com