Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2553_15 Datasheet HTML 1Page - Texas Instruments TAS2553_15 Datasheet HTML 2Page - Texas Instruments TAS2553_15 Datasheet HTML 3Page - Texas Instruments TAS2553_15 Datasheet HTML 4Page - Texas Instruments TAS2553_15 Datasheet HTML 5Page - Texas Instruments TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
A5
A4
A3
A2
B5
B4
B3
B2
C5
C4
C3
C2
D5
D3
D2
D4
A1
B1
C1
D1
E5
E3
E2
E4
E1
AGND
BIAS
PGND
VBAT
AVDD
AGND
VSENSE-
OUT-
AIN-
AIN+
VREG
VSENSE+
OUT+
DIN
DOUT
PGND
SW
PVDD
ADDR
IVCLKIN
PGND
SW
VBOOST
SDA
SCL
F5
F3
F2
F4
F1
IOVDD
EN
WCLK
BCLK
MCLK
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
5 Terminal Configuration and Functions
30-Ball WCSP
YFF Package
(Top View)
Terminal Functions
TERMINAL
INPUT/OUTPUT/
DESCRIPTION
POWER
NAME
BALL WCSP
PGND
A1
P
Power ground. Connect to high current ground plane.
OUT–
A2
O
Inverting Class D output.
OUT+
A3
O
Non-inverting Class D output.
PVDD
A4
P
Class-D power supply. Connected internally to VBOOST – do not drive this terminal
externally.
VBOOST
A5
P
7.5 V boost output. Connected internally to PVDD – do not drive this terminal
externally.
BIAS
B1
O
Mid-rail reference for Class D channel.
VSENSE–
B2
I
Inverting voltage sense input.
VSENSE+
B3
I
Non-inverting voltage sense input.
SW
B4,B5
I/O
Boost switch terminal.
AGND
C1,C2
P
Analog ground. Connect to low noise ground plane.
VREG
C3
O
High-side FET gate drive boost converter.
PGND
C4,C5
P
Power ground. Connect to high current ground plane.
VBAT
D1
P
Battery power supply. Connect to 3.0 V to 5.5 V battery supply.
AIN–
D2
I
Inverting analog input.
DIN
D3
I
Audio serial data input. Format is I2S, LJF, RJF, or TDM data.
I2C address select terminal. Set ADDR = GND for device 7-bit address 0x40; set
ADDR
D4
I
ADDR = IOVDD for 7-bit address 0x41.
SDA
D5
I/O
I2C control bus data.
AVDD
E1
P
Analog low voltage supply terminal. Connect to 1.65 V to 1.95 V supply.
AIN+
E2
I
Non-inverting analog input.
DOUT
E3
O
Serial I/V digital output. Format is I2S, LJF, RJF, TDM, or undecimated PDM data.
IVCLKIN
E4
I
Serial clock input for undecimated PDM I/V data.
SCL
E5
I
I2C control bus clock.
EN
F2
I
Device enable (HIGH = Normal Operation, LOW = Standby)
WCLK
F3
I
Audio serial word clock.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com