Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments TAS2553_15 Datasheet HTML 21Page - Texas Instruments TAS2553_15 Datasheet HTML 22Page - Texas Instruments TAS2553_15 Datasheet HTML 23Page - Texas Instruments TAS2553_15 Datasheet HTML 24Page - Texas Instruments TAS2553_15 Datasheet HTML 25Page - Texas Instruments TAS2553_15 Datasheet HTML 26Page - Texas Instruments TAS2553_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
WCLK
BCLK
DOUT
DIN
td(DO-WS)
td(DO-BCLK)
tS(DI)
th(DI)
td(WS)
LD(n)
LD(n+1)
WORD
CLOCK
BIT
CLOCK
DATA
-
1
-
2
-
3
2
1
0
3
-
1
-
2
-
3
2
1
0
3
-
1
-
2
N N
N
N N
N
N N
N
-
3
3
RD(n)
LEFT CHANNEL
RIGHT CHANNEL
LD(n) = n'th sample of left channel data
RD(n) = n'th sample of right channel data
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Device Functional Modes (continued)
Figure 36. Timing Diagram for I2S Mode with Offset=0 and Inverted Bit Clock
For I2S mode, the number of bit-clocks per channel should be greater than or equal to the programmed word-
length of the data. Also the programmed offset value should be less than the number of bit-clocks per frame by
at least the programmed word-length of the data.
7.4.1.4 Audio Data Serial Interface Timing (I2S, Left-Justified, Right-Justified Modes)
All specifications at 25°C, IOVDD = 1.8 V
NOTE
All timing specifications are measured at characterization but not tested at final test.
Figure 37. I2S/LJF/RJF Timing in Master Mode
Table 5. I2S/LJF/RJF Timing in Master Mode (see Figure 37)
IOVDD=1.8V
IOVDD=3.3V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
30
20
ns
td(DO-WS)
WCLK to DOUT delay (For LJF Mode only)
50
25
ns
td(DO-BCLK)
BCLK to DOUT delay
50
25
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
24
12
ns
tf
Fall time
24
15
ns
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com