Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7.5.5 Register 0x03: Configuration Register 3
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7
ANALOG_IN_SEL
R/W
1
Selects analog in path for data to class-D. When set to zero (digital in), no
signal should be present on the analog terminals.
0 = Digital Audio Input
1 = Analog Audio Input
6
I2S_OUT_SEL
R/W
0
Selects between PDM and I2S for I/V Sense output data format.
0 = PDM
1 = I2S
5
PDM_IN_SEL
R/W
0
Selects PDM as input to modulator
0 = PDM is not selected
1 = PDM is selected only if Digital Audio Input is selected (Reg 0x03 D[7] =
0)
4-3
DIN_SOURCE_SEL
R/W
00
DIN Source Select
00 = Modulator input muted
01 = Use left stream for modulator
10 = Use right stream for modulator
11 = Use average of left and right streams for modulator
2-0
WCLK_FREQ
R/W
000
WCLK Frequency
000 = 8 kHz
001 = 11.025 kHz / 12 kHz
010 = 16 kHz
011 = 22.05 kHz / 24 kHz
100 = 32 kHz
101 = 44.1 kHz / 48 kHz
110 = 88.2 kHz / 96 kHz
111 = 176.4 kHz / 192 kHz
7.5.6 Register 0x04: DOUT Tristate Mode
For systems with multiple devices sharing a common DOUT line with a TDM interface mode, set Bit 2 to 1 to
ensure DOUT stays in high-impedance tri-state mode when it is not transmitting data.
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-3
R/W
0000 0
Reserved. Write only default values.
2
SDOUT_TRISTATE
R/W
0
DOUT Tri-state Mode (for I2S mode only, see Reg 0x03, bit 7)
0 = DOUT set to logic low when not transmitting data
1 = DOUT in tristate when not transmitting data
1-0
R/W
00
Reserved. Write only default values.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com