Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 28Page - Texas Instruments TAS2553_15 Datasheet HTML 29Page - Texas Instruments TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Register Map (continued)
REGISTER
READ/WRITE
DEFAULT
FUNCTION
DEC
HEX
24
0x18
R
0x00
Reserved
25
0x19
R
0x00
VBAT Data Register
7.5.2 Register 0x00: Device Status Register
This register uses latched faults. The fault bits are clear on write. Read-only commands retain the latched value
of the fault bit.
BIT
NAME
READ/WRITE
DEFAULT DESCRIPTION
7-6
R/W
00
Reserved. Write only default values.
5
PLL_OUT_OF_LOCK
R/W
0
PLL lock
0 = PLL is locked
1 = PLL is not locked
4-2
R/W
0
Reserved. Write only default values.
1
CLASSD_ILIM
R/W
0
Class-D over-current
0 = Normal operation
1 = Class-D output current limit has been exceeded
0
THERMAL
R/W
0
Thermal limit
0 = Normal operation
1 = Limit exceeded
7.5.3 Register 0x01: Configuration Register 1
BIT
NAME
READ/WRITE
DEFAULT DESCRIPTION
7-6
R/W
00
Reserved. Write only default values.
5-4
PLL_SRC
R/W
10
PLL Input
00 = MCLK
01 = BCLK
10 = IVCLKIN
11 = 1.8 MHz fixed internal oscillator
3
R/W
0
Reserved. Write only default values.
2
MUTE
R/W
0
Triggers mute of Class-D channel controller.
0 = Not muted
1 = Muted
1
SWS
R/W
1
Software shutdown. When high shuts down all blocks and places part in low
power mode. THIS BIT MUST BE SET TO ZERO ONLY AFTER THE
DEVICE CONFIGURATION IS COMPLETE.
0
DEV_RESET
R/W
0
Synchronous reset of all digital registers & control circuitry.
7.5.4 Register 0x02: Configuration Register 2
BIT
NAME
READ/WRITE
DEFAULT
DESCRIPTION
7
CLASSD_EN
R/W
1
Class D Enable
6
BOOST_EN
R/W
1
Boost Enable
5
APT_EN
R/W
1
Auto Pass-Thru Enable
4
RESERVED
R/W
0
Reserved. Write only default values.
3
PLL_EN
R/W
1
PLL Enable
2
LIM_EN
R/W
1
Battery Tracking AGC Enable
1
IVSENSE_EN
R/W
1
I/V Sense Enable
0
RESERVED
R/W
1(1)
Reserved. MUST BE WRITTEN TO ZERO DURING CONFIGURATION
SEQUENCE as shown in Initialization.
(1)
Register 0x02, Bit 0 defaults to 1, but must be written to 0 during initialization.
32
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com