Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 30Page - Texas Instruments TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.5.7 Register 0x05: Serial Interface Control Register 1
BIT
NAME
READ/WRITE
DEFAULT
DESCRIPTION
7
WCLKDIR
R/W
0
WCLK Direction
0 = WCLK is an input terminal
1 = WCLK is an output terminal
6
BCLKDIR
R/W
0
BCLK Direction
0 = BCLK is an input terminal
1 = BCLK is an output terminal
5-4
CLKSPERFRAME
R/W
00
Clocks per Frame
00 = 32 clocks
01 = 64 clocks
10 = 128 clocks
11 = 256 clocks
3-2
DATAFORMAT
R/W
00
Data Format
00 = I2S format
01 = DSP (PCM format)
10 = Right justified format (RJF)
11 = Left justified format (LJF)
1-0
WORDLENGTH
R/W
00
Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
7.5.8 Register 0x06: Serial Interface Control Register 2
This register sets the clock cycle offset between the WCLK edge to the MSB of serial interface patterns. This is
useful for TDM mode where multiple devices share DIN or DOUT lines.
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
I2S_SHIFT_REG
R/W
0000 0000
Offset from WCLK to MSB in serial interface patterns.
0000 0000 = 0 bit offset
0000 0001 = 1 bit offset
….
1111 1111 = 255 bit offset
34
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com