Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 2Page - Texas Instruments TAS2553_15 Datasheet HTML 3Page - Texas Instruments TAS2553_15 Datasheet HTML 4Page - Texas Instruments TAS2553_15 Datasheet HTML 5Page - Texas Instruments TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Electrical Characteristics (continued)
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, Gain = 15 dB, ERC = 14 ns, RL = 8 Ω + 33 µH, 48 kHz
sample rate for digital input (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N = 1%, VBAT = 3.0 V
2.8
Max Output Power, 8-
Ω Load
W
THD+N = 1%, VBAT = 3.6 V
2.8
Output Impedance in Shutdown
EN = 0 V
10
k
Ω
Analog/digital input measured from time
Startup Time
when device is taken out of software
8
mS
shutdown
Measured from time when device is
Shutdown Time
1
µS
programmed in software shutdown mode
INPUT SECTION
Full-scale DAC output
All digital interface modes
1.0
VRMS
Maximum analog input voltage
1.0
VRMS
EN = IOVDD, Amplifier active
10
Input impedance (terminals AIN+,
RIN
k
Ω
AIN-)
EN = 0 V, In shutdown
19
CURRENT SENSE
Peak current which will give full scale
Current Sense Full Scale
1.4
APEAK
digital output
Current Sense Accuracy
IOUT = 354 mARMS (1 W)
1%
Current Sense Offset
Input referred
0.0029
mA
Current Sense Gain Error
0.09
dB
THD+N
Distortion + Noise
Po = 1.0W (Load = 8
Ω + 33 µH)
0.17%
VOLTAGE SENSE
Peak voltage which will give full scale
Voltage Sense Full Scale
8.5
VPEAK
digital output
Voltage Sense Accuracy
VOUT = 2.83 Vrms (1W)
2.2%
Voltage Sense Offset
Input referred
1.45
mV
Voltage Sense Gain Error
-0.20
dB
THD+N
Distortion + Noise
Po = 1.0 W (Load = 8
Ω + 33μH)
0.08%
INTERFACE
FMCLK
MCLK frequency
0.512
49.15
MHz
FPDM
PDM Clock (IVCLK) Frequency Range
1.636
3.25
MHz
PDM Clock (IVCLK) Duty Cycle
PDMDC
40%
60%
Range
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com