Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Register(N)
8-BitDatafor
8-BitDatafor
Register(N+1)
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.3 Feature Description
7.3.1 General I2C Operation
The TAS2553 operates as an I2C slave over the IOVDD voltage range. It is adjustable to one of two I2C
addresses. This allows two TAS2553 devices in a system to connect to the same I2C bus.
Set the ADDR terminal to ground to assign the device I2C address to 0x40 (7-bit). This is equivalent to 0x80 (8-
bit) for writing and 0x81 (8-bit) for reading.
Set ADDR to IOVDD for I2C address 0x41 (7-bit). This is equivalent to 0x82 (8-bit) for writing and 0x83 (8-bit) for
reading.
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. The bus transfers data serially, one bit at a time. The address and data 8-bit bytes are transferred most-
significant bit (MSB) first. In addition, each byte transferred on the bus is acknowledged by the receiving device
with an acknowledge bit. Each transfer operation begins with the master device driving a start condition on the
bus and ends with the master device driving a stop condition on the bus. The bus uses transitions on the data
terminal (SDA) while the clock is at logic high to indicate start and stop conditions. A high-to-low transition on
SDA indicates a start, and a low-to-high transition indicates a stop. Normal data-bit transitions must occur within
the low time of the clock period. Figure 23 shows a typical sequence.
The master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then waits for an acknowledge condition. The TAS2553 holds SDA low during the acknowledge clock
period to indicate acknowledgment. When this occurs, the master transmits the next byte of the sequence. Each
device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the same
signals via a bi-directional bus using a wired-AND connection.
Use external pull-up resistors for the SDA and SCL signals to set the logic-high level for the bus. Use pull-up
resistors between 660
Ω and 4.7 kΩ. Do not allow the SDA and SCL voltages to exceed the TAS2553 supply
voltage, IOVDD.
Figure 23. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus. Figure 23 shows a generic data
transfer sequence.
7.3.2 Single-Byte and Multiple-Byte Transfers
The serial control interface supports both single-byte and multiple-byte read/write operations for all registers.
During multiple-byte read operations, the TAS2553 responds with data, a byte at a time, starting at the register
assigned, as long as the master device continues to respond with acknowledges.
The TAS2553 supports sequential I2C addressing. For write transactions, if a register is issued followed by data
for that register and all the remaining registers that follow, a sequential I2C write transaction has taken place. For
I2C sequential write transactions, the register issued then serves as the starting point, and the amount of data
subsequently transmitted, before a stop or start is transmitted, determines to how many registers are written.
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com