Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments TAS2553_15 Datasheet HTML 21Page - Texas Instruments TAS2553_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Table 1. TAS2553 Gain Table
GAIN BYTE:
GAIN BYTE:
NOMINAL GAIN
NOMINAL GAIN
GAIN[4:0]
GAIN[4:0]
00000
–7 dB
10000
9 dB
00001
–6 dB
10001
10 dB
00010
–5 dB
10010
11 dB
00011
–4 dB
10011
12 dB
00100
–3 dB
10100
13 dB
00101
–2 dB
10101
14 dB
00110
–1 dB
10110
15 dB
00111
0 dB
10111
16 dB
01000
1 dB
11000
17 dB
01001
2 dB
11001
18 dB
01010
3 dB
11010
19 dB
01011
4 dB
11011
20 dB
01100
5 dB
11100
21 dB
01101
6 dB
11101
22 dB
01110
7 dB
11110
23 dB
01111
8 dB
11111
24 dB
7.3.9 Class-D Edge Rate Control
The edge rate of the Class-D output is controllable via an I2C register. This allows users the ability to adjust the
switching edge rate of the Class-D amplifier, trading off some efficiency for lower EMI. Table 2 lists the typical
edge rates.
Table 2. Class-D Edge Rate Control
ERC BYTE:
TR AND TF
EDGE[2:0]
(TYPICAL)
000
50 ns
001
40 ns
010
30 ns
011
25 ns
100
14 ns
101
13 ns
110
12 ns
111
11 ns
18
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com