Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
±80
±60
±40
±20
0
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C013
-80
-60
-40
-20
0
20
200
2000
20000
f - Frequency - Hz
AVDD = 1.8 V
C014
0.000
0.002
0.004
0.006
0.008
0.010
3.0
3.5
4.0
4.5
5.0
5.5
V
BAT - Supply Voltage - V
AGC = ON
AGC = OFF
C011
±100
±80
±60
±40
±20
0
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C012
0.001
0.010
0.100
1.000
10.000
0.001
0.010
0.100
1.000
P
O - Total Output Power - W
VBAT = 5.5 V
VBAT = 5.0V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C009
0
20
40
60
80
100
0.01
0.1
1
P
O - Total Output Power - W
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C010
APT Transition
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Typical Characteristics (continued)
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, RL = 8 Ω + 33 µH (unless otherwise noted).
AGC = OFF, Gain = 15 dB, f = 1 kHz
AGC = OFF, Gain = 15 dB, f = 1 kHz
Figure 10. Total Efficiency vs Output Power (8
Ω)
Figure 9. VBAT Average Supply Current vs Class-D Output
Power (8
Ω)
VBAT = 3.0, 3.6, 4.2, 5.0, 5.5 V
20 Hz to 20 kHz, Analog Input, Gain = 15 dB
Figure 11. VBAT Quiescent Supply Current vs Supply
Figure 12. Common Mode Rejection vs Frequency
Voltage
20 Hz to 20 kHz, Digital Input, AVDD = 1.8 V
20 Hz to 20 kHz, Digital Input, Gain = 15 dB
Figure 14. AVDD Supply Ripple Rejection vs Frequency
Figure 13. VBAT Supply Ripple Rejection vs Frequency
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com