Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments TAS2553_15 Datasheet HTML 48Page - Texas Instruments TAS2553_15 Datasheet HTML 49Page - Texas Instruments TAS2553_15 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
0.01
0.1
1
10
100
0.001
0.01
0.1
1
PO - Output Power - W
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C006
0.001
0.01
0.1
1
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C007
Device Analog Input
Signal Connector
Cc
Rin
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Figure 57. Analog Input Connection
For high fidelity audio playback, it is desirable to keep the cutoff frequency of the high pass filter below the
minimum reproducible frequency of the speaker. For example, a 1 µF capacitor connected to the differential
analog inputs with input resistance 10 k
Ω results in a cutoff frequency of 16 Hz.
8.2.2.3 Application Performance Plots
AGC=OFF, Gain = 15 dB, f = 1 kHz
AGC=OFF, Gain = 15 dB
Figure 58. THD+N vs Output Power (8
Ω) for Analog Input
Figure 59. THD+N vs Frequency (8
Ω) for Analog Input
8.3 Initialization
To configure the TAS2553, follow these steps.
1. Bring-up the power supplies as in Power Supply Sequencing.
2. Set the EN terminal to HIGH.
3. Configure the registers in the sequence below. Do not set the bits in the final two steps to zero anytime
before the end of the sequence.
–
Configure device register
–
...
–
...
–
...
–
Configure device register
–
Set Register 0x0D D[7:0] = 0xA9
–
Set Register 0x0E D[5] = 1
–
Set Register 0x02 D[0] = 0
–
Set Register 0x01 D[1] = 0
46
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com