Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 31Page - Texas Instruments TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7.5.9 Register 0x07: Output Data Register
This register sets the output data for DOUT. Most systems will simply set L_DATA_OUT to transmit output
current data and R_DATA_OUT to transmit voltage data. Other data is available, like VBAT voltage, VBOOST
voltage, and PGA gain.
Bit 5 is a dual-purpose bit. If I2S_OUT_SEL = 0 (Register 0x03, Bit 6) and the PDM_DATA_SEL bits are set to
transmit only I-Data or V-Data, then Bit 5 dictates if that data is transmitted on the clock rising edge or falling
edge. This allows two TAS2553 devices in PDM mode to tie their DOUT lines together and connect to the host
digital mic input. In this configuration, each device broadcasts its output current or output voltage information –
one on the rising edge of the clock, the other on the falling edge. This is a simple interface technique that does
not require programming the host for TDM-interface mode.
BIT
NAME
READ / WRITE
DEFAULT
DESCRIPTION
7-6
PDM_DATA_SEL
R/W
11
PDM Data Select
These bits are operative only if I2S_OUT_SEL = 0 for PDM mode (see
Register 0x03, Bit 6).
00 - I Data Only - Select Ch1 or Ch2 with bit[5]
01 - V Data Only - Select Ch1 or Ch2 with bit[5]
10 - I/V Data (Ch1/2)
11 - V/I Data (Ch1/2)
5-3
R_DATA_OUT
R/W
000
Serial Interface Data, Right Channel
Bit 5 is a dual-purpose bit, depending on the state of I2S_OUT_SEL
(Register 0x03, Bit 6).
If I2S_OUT_SEL = 0 and PDM_DATA_SEL = 00 or 01 (for single-
channel PDM output mode), then Bit 5 will select whether data is
transmitted on the rising or falling edge of the clock.
0xx = Falling Edge (Ch 1)
1xx = Rising Edge (Ch 2)
If I2S_OUT_SEL = 1, then Bits 5-3 have the same function as
L_DATA_OUT. Read the description in L_DATA_OUT for requirements
on BCLK and WORD_LENGTH.
000 = I Data (16'b)
001 = V Data (16'b)
010 = VBAT Data (8'b)
011 = VBOOST Data (8'b)
100 = PGA Gain (5'b)
101 = I Data, V Data (32'b)
110 = VBAT, VBOOST, PGA Gain (21'b)
111 = Disabled (Hi-Z)
NOTE: For VBAT and VBOOST, the device must be in a mode that uses
this information, such as Battery Tracking AGC.
2-0
L_DATA_OUT
R/W
000
Serial Interface Data, Left Channel
Users must provide enough BCLK cycles per WCLK frame to shift all the
data out. If there are additional BCLK cycles per WCLK frame beyond
the WORD_LENGTH setting, the data line will be HI-Z if
SDOUT_TRISTATE (Register 0x04, Bit 3) is set to 1; otherwise the data
line will be held low for the extra BCLK cycles.
Users must also program a sufficient WORD_LENGTH setting. If
selected data contains fewer bits than WORD_LENGTH setting, the
extra bits will be 0's.
000 = I Data (16'b)
001 = V Data (16'b)
010 = VBAT Data (8'b)
011 = VBOOST Data (8'b)
100 = PGA Gain (5'b)
101 = I Data, V Data (32'b)
110 = VBAT, VBOOST, PGA Gain (21'b)
111 = Disabled (Hi-Z)
NOTE: For VBAT and VBOOST, the device must be in a mode that uses
this information, such as Battery Tracking AGC.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com