Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7.5.19 Register 0x11: PDM Configuration Register
Sets the PDM clock source and whether channel 1 data is transmitted on the rising or falling edge of the clock.
Channel 2 transmits on the opposite edge.
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-3
R/W
0 0000
Reserved. Write only default values.
2
PDM_DATA_ES
R/W
0
PDM Data Edge Select
0 = falling edge
1 = rising edge
1-0
PDM_CLK_SEL
R/W
01
PDM Clock Select
00 = PLL / 8
01 = IVCLKIN
10 = BCLK
11 = MCLK
7.5.20 Register 0x12: PGA Gain Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-5
R/W
000
Reserved. Write only default values.
4-0
PGA_GAIN
R/W
0 0000
PGA Gain Value
00000 = -7 dB
00001 = -6 dB
…
11110 = +23 dB
11111 = +24 dB
7.5.21 Register 0x13: Class-D Edge Rate Control Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7
GAINCOMP_EN
R/W
0
I-V Sense Gain Compensation Control
Enables AGC compensation for current sense feedback. AGC
compensation increases the gain of the current sense data by the same
gain the AGC instantaneously attenuates.
0 = No I-V sense gain compensation
1 = Gain compensation enabled
6-4
ERC_SEL
R/W
100
Class-D Output Edge Rate Control
000 = 50 ns
001 = 40 ns
010 = 29 ns
011 = 25 ns
100 = 14 ns (default)
101 = 13 ns
110 = 12 ns
111 = 11 ns
3-0
R/W
0000
Reserved. Write only default values.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com