Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments TAS2553_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
P
2
J.D
0.5 K
K
MCLK
IVCLKIN
BCLK
1.8 MHz
Internal
Register 0x01, D(5:4)
PLL_CLKIN
PLL_CLK
Register 0x09, D(7)
0
1
10
00
01
11
Registers 0x08 - 0x0A
24.5760 MHz (for 16-bit, FS = 48 kHz)
22.5792 MHz (for 16-bit, FS = 44.1 kHz)
÷ 8
PLL_BYPASS
To DAC clock input
IVCLKIN
BCLK
MCLK
01
00
10
11
PDM_CLK
Register 0x11, D(1:0)
0 = falling edge
1 = rising edge
Register 0x11, D(2)
Register 0x03, D(6)
0 = PDM
1 = I2S / LJF / RJF / DSP
0
1
I2S_OUT_SEL
I-V sense
ADC clock generation
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Feature Description (continued)
Figure 28. Clock Distribution Tree
7.3.8 Gain Settings
The TAS2553 has one gain register for both analog input and digital input (DAC output) gain. A mux selects only
one of these inputs for the Class-D speaker amplifier. The analog and digital inputs cannot be mixed together.
The full-scale DAC output voltage is the same as the maximum analog input voltage (for less than 1% THD): 1
VRMS, or 1.4 VPEAK.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com