Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
IN-
VBAT
IN+
OUT-
OUT+
ADDR
PVDD
VBOOST
SW
L2 (opt.)
I2C
I2S
IOVDD
10 nF
C2
22 2F
VREG
VSENSE-
VSENSE+
L1
2.2 2H
BIAS
3.0 V À 5.5 V
AGND
1 2F
L3 (opt.)
To
Speaker
+
-
AVDD
EN
IVCLKIN
5
2
PGND
2
2
3
0.1 2F
C1
10 2F
C3
1 nF
(opt.)
C4
1 nF
(opt.)
0.1 2F
1.65 V À 1.95 V
1.5 V À
3.6 V
I
2C Address Select
Enable
PDM Clock
(opt.)
I
2C Interface
I
2S Interface
0.1 2F
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
8 Applications and Implementation
8.1 Application Information
The TAS2553 is a digital or analog input high efficiency Class-D audio power amplifier with advanced battery
current management and an integrated Class-G boost converter. In auto passthrough mode, the Class-G boost
converter generates the Class-D amplifier supply rail. During low Class-D output power, the boost improves
efficiency by deactivating and connecting VBAT directly to the Class-D amplifier supply. When high power audio
is required, the boost quickly activates to provide louder audio than a stand-alone amplifier connected directly to
the battery. To enable load monitoring, the TAS2553 constantly measures the current and voltage across the
load and provides a digital stream of this information back to a processor.
8.2 Typical Applications
8.2.1 Typical Application - Digital Audio Input
Figure 51. Typical Application Schematic
Table 11. Recommended External Components
COMPONENT
DESCRIPTION
SPECIFICATION
MIN
TYP
MAX
UNIT
L1
Boost Converter Inductor
Inductance, 20% Tolerance
2.2
µH
Saturation Current
2.6
A
L2, L3
EMI Filter Inductors (optional)
Impedance at 100MHz
120
Ω
DC Resistance
0.095
Ω
DC Current
1.5
A
Size
0402
EIA
C1
Boost Converter Input Capacitor
Capacitance, 20% Tolerance
10
µF
42
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com